Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 126 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 126 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 122Page - PMC-Sierra, Inc PM8621 Datasheet HTML 123Page - PMC-Sierra, Inc PM8621 Datasheet HTML 124Page - PMC-Sierra, Inc PM8621 Datasheet HTML 125Page - PMC-Sierra, Inc PM8621 Datasheet HTML 126Page - PMC-Sierra, Inc PM8621 Datasheet HTML 127Page - PMC-Sierra, Inc PM8621 Datasheet HTML 128Page - PMC-Sierra, Inc PM8621 Datasheet HTML 129Page - PMC-Sierra, Inc PM8621 Datasheet HTML 130Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
125
Document ID: PMC-2010850, Issue 1
11
Test Features Description
The test mode registers, shown in Table 11, are used for production and board testing.
During production testing, the test mode registers are used to apply test vectors. In this case, the
test mode registers (as opposed to the normal mode registers) are selected when A[10] is high.
During board testing, the digital output pins and the data bus are held in a high-impedance state
by simultaneously asserting (low) the CSB, RDB, and WRB inputs. All of the TSBs for the NSE-
8G are placed in test mode 0 so that device inputs may be read and device outputs may be forced
through the microprocessor interface.
Note: The NSE-8G supports a standard IEEE 1149.1 five-signal JTAG boundary scan test port
that can be used for board testing. All digital device inputs may be read and all digital device
outputs may be forced through this JTAG test port.
Table 11 Test Mode Register Memory Map
Address
Register
000H-7FFH
Normal Mode Registers
800H
Master Test Register
801H – FFFH
Reserved For Test
11.1
Master Test and Test Configuration Registers
Notes on Test Mode Register Bits
1. Writing values into unused register bits has no effect. However, to ensure software
compatibility with future, feature-enhanced versions of the product, unused register bits must
be written with logic zero. Reading back unused bits can produce either a logic one or a logic
zero; hence, unused register bits should be masked off by software when read.
2. Writeable test mode register bits are not initialized upon reset unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com