Electronic Components Datasheet Search
  English  ▼

X  

PM8621 Datasheet(PDF) 128 Page - PMC-Sierra, Inc

Part # PM8621
Description  NSE-8G??Standard Product Data Sheet Preliminary
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8621 Datasheet(HTML) 128 Page - PMC-Sierra, Inc

Back Button PM8621 Datasheet HTML 124Page - PMC-Sierra, Inc PM8621 Datasheet HTML 125Page - PMC-Sierra, Inc PM8621 Datasheet HTML 126Page - PMC-Sierra, Inc PM8621 Datasheet HTML 127Page - PMC-Sierra, Inc PM8621 Datasheet HTML 128Page - PMC-Sierra, Inc PM8621 Datasheet HTML 129Page - PMC-Sierra, Inc PM8621 Datasheet HTML 130Page - PMC-Sierra, Inc PM8621 Datasheet HTML 131Page - PMC-Sierra, Inc PM8621 Datasheet HTML 132Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 184 page
background image
NSE-8G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
127
Document ID: PMC-2010850, Issue 1
PMCTST
The PMCTST bit is used to configure the NSE-8G for PMC's manufacturing tests. When
PMCTST is set to logic one, the NSE-8G microprocessor port becomes the test access port
used to run the PMC "canned" manufacturing test vectors. As well, the analog blocks are
placed in IDDQ mode = the digital circuitry within the analog blocks is held static The
PMCTST can be cleared by setting CSB to logic one or by writing logic zero to the bit.
PMCATST
The PMCATST bit is used to configure the analog portion of the NSE-8G for PMC's
manufacturing tests. The PMCATST bit can be cleared by setting both CSB to logic one and
RSTB to logic zero. PMCATST can also be cleared by writing logic zero to the bit.
11.2
JTAG Test Port
The NSE JTAG Test Access Port (TAP) allows access to the TAP controller and the four TAP
registers: instruction, bypass, device identification and boundary scan. Using the TAP, device
input logic levels can be read, device outputs can be forced, the device can be identified and the
device scan path can be bypassed. For more details on the JTAG port, please refer to the
Operations section.
Table 12 Instruction Register (Length - 3 bits)
Instructions
Selected Register
Instruction Codes, IR[2:0]
EXTEST
Boundary Scan
000
IDCODE
Identification
001
SAMPLE
Boundary Scan
010
BYPASS
Bypass
011
BYPASS
Bypass
100
STCTEST
Boundary Scan
101
BYPASS
Bypass
110
BYPASS
Bypass
111
Table 13 Identification Register
Length
32 bits
Version Number
0H
Part Number – NSE-20G
8620H
Part Number – NSE–8G
8621H
Manufacturer's Identification Code
0CDH
Device Identification – NSE-20G
086200CDH
Device Identification – NSE-8G
086210CDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com