Electronic Components Datasheet Search
  English  ▼

X  

HSG1002 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # HSG1002
Description  SiGeHBT High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1002 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button HSG1002 Datasheet HTML 30Page - Renesas Technology Corp HSG1002 Datasheet HTML 31Page - Renesas Technology Corp HSG1002 Datasheet HTML 32Page - Renesas Technology Corp HSG1002 Datasheet HTML 33Page - Renesas Technology Corp HSG1002 Datasheet HTML 34Page - Renesas Technology Corp HSG1002 Datasheet HTML 35Page - Renesas Technology Corp HSG1002 Datasheet HTML 36Page - Renesas Technology Corp HSG1002 Datasheet HTML 37Page - Renesas Technology Corp HSG1002 Datasheet HTML 38Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
HSG1002
Rev.1.00, Apr.12.2004, page 35 of 37
-30
-30
-25
-25
-20
-20
-15
-15
-10
-10
-5
-5
0
5
10
10
15
15
10
10
8
6
4
2
0
f (GHz)
f (GHz)
RLin
RLin
RLout
RLout
|S21|
|S21|2
RLin, Rlout, |S21|
RLin, Rlout, |S21|
2
VS f
VS f
@VCE=2V
@VCE=2V
IC=10mA
IC=10mA
PG, NF-IC
PG, NF-IC
0
5
10
10
14
14
1
10
100
100
IC (mA)
IC (mA)
PG
PG
NF
NF
@VCE=2V
@VCE=2V
f=5.8GHz
f=5.8GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com