Electronic Components Datasheet Search
  English  ▼

X  

HSG1002 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # HSG1002
Description  SiGeHBT High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1002 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button HSG1002 Datasheet HTML 25Page - Renesas Technology Corp HSG1002 Datasheet HTML 26Page - Renesas Technology Corp HSG1002 Datasheet HTML 27Page - Renesas Technology Corp HSG1002 Datasheet HTML 28Page - Renesas Technology Corp HSG1002 Datasheet HTML 29Page - Renesas Technology Corp HSG1002 Datasheet HTML 30Page - Renesas Technology Corp HSG1002 Datasheet HTML 31Page - Renesas Technology Corp HSG1002 Datasheet HTML 32Page - Renesas Technology Corp HSG1002 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
HSG1002
Rev.1.00, Apr.12.2004, page 29 of 37
S Parameter
(VCE = 3 V, IC = 7 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.901
-9.3
19.67
172.2
0.0079
72.7
0.964
-6.0
200
0.894
-18.8
19.38
165.1
0.0129
76.9
0.973
-11.6
300
0.870
-27.6
18.91
158.4
0.0169
74.6
0.949
-17.1
400
0.849
-36.6
18.38
152.2
0.0218
70.8
0.915
-22.1
500
0.825
-45.3
17.81
146.5
0.0279
61.0
0.880
-27.0
600
0.800
-53.8
17.16
141.0
0.0315
58.9
0.842
-31.3
700
0.775
-61.4
16.37
135.9
0.0364
54.8
0.801
-35.5
800
0.750
-69.0
15.69
131.0
0.0387
51.5
0.761
-39.2
900
0.726
-76.7
15.10
126.6
0.0419
48.9
0.722
-42.4
1000
0.701
-83.4
14.39
122.3
0.0449
47.8
0.684
-45.4
1100
0.680
-89.9
13.69
118.3
0.0464
45.3
0.650
-48.2
1200
0.659
-96.5
13.09
114.4
0.0485
42.6
0.617
-50.8
1300
0.641
-102.1
12.44
111.0
0.0492
40.6
0.585
-53.1
1400
0.627
-107.6
11.84
107.9
0.0508
39.9
0.558
-55.3
1500
0.612
-113.0
11.31
104.8
0.0524
38.6
0.530
-57.3
1600
0.600
-118.0
10.80
101.9
0.0528
36.9
0.505
-59.1
1700
0.590
-122.7
10.32
99.2
0.0542
35.6
0.482
-61.1
1800
0.581
-127.2
9.87
96.6
0.0557
34.4
0.461
-62.8
1900
0.574
-131.5
9.45
94.2
0.0559
32.8
0.441
-64.5
2000
0.567
-135.6
9.06
91.9
0.0567
32.8
0.422
-66.0
2200
0.557
-143.0
8.35
87.5
0.0589
31.4
0.389
-69.2
2400
0.551
-150.0
7.74
83.4
0.0599
30.5
0.359
-72.2
2600
0.547
-156.3
7.20
79.6
0.0612
29.5
0.333
-75.3
2800
0.546
-162.0
6.72
76.0
0.0623
29.2
0.311
-78.2
3000
0.545
-167.3
6.29
72.6
0.0640
28.1
0.291
-81.1
3200
0.546
-172.1
5.91
69.3
0.0645
28.7
0.274
-84.4
3400
0.548
-176.7
5.57
66.2
0.0654
28.1
0.259
-87.6
3600
0.548
179.2
5.26
63.2
0.0662
26.9
0.244
-90.7
3800
0.550
175.4
4.99
60.5
0.0674
27.5
0.233
-93.8
4000
0.555
171.8
4.74
57.6
0.0692
26.6
0.224
-97.3
4200
0.559
168.5
4.52
54.9
0.0716
27.0
0.216
-101.1
4400
0.563
165.4
4.31
52.2
0.0721
26.5
0.210
-104.7
4600
0.567
162.2
4.12
49.6
0.0745
26.2
0.203
-108.3
4800
0.571
159.4
3.95
47.0
0.0757
25.8
0.198
-112.0
5000
0.574
156.5
3.79
44.4
0.0772
26.1
0.193
-115.6
5200
0.578
153.7
3.64
41.8
0.0789
25.0
0.188
-119.9
5400
0.582
151.2
3.50
39.4
0.0803
25.1
0.186
-123.5
5600
0.585
148.7
3.37
36.9
0.0825
24.3
0.184
-127.2
5800
0.589
146.2
3.25
34.5
0.0837
23.8
0.181
-131.0
6000
0.593
143.8
3.14
32.0
0.0854
23.7
0.179
-135.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com