Electronic Components Datasheet Search
  English  ▼

X  

HSG1002 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # HSG1002
Description  SiGeHBT High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1002 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button HSG1002 Datasheet HTML 26Page - Renesas Technology Corp HSG1002 Datasheet HTML 27Page - Renesas Technology Corp HSG1002 Datasheet HTML 28Page - Renesas Technology Corp HSG1002 Datasheet HTML 29Page - Renesas Technology Corp HSG1002 Datasheet HTML 30Page - Renesas Technology Corp HSG1002 Datasheet HTML 31Page - Renesas Technology Corp HSG1002 Datasheet HTML 32Page - Renesas Technology Corp HSG1002 Datasheet HTML 33Page - Renesas Technology Corp HSG1002 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
HSG1002
Rev.1.00, Apr.12.2004, page 30 of 37
S Parameter
(VCE = 3 V, IC = 10 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.865
-11.6
26.69
170.6
0.0106
89.0
0.948
-7.9
200
0.849
-23.1
26.06
162.2
0.0121
74.5
0.957
-14.2
300
0.823
-33.9
25.09
154.5
0.0194
71.9
0.922
-20.8
400
0.795
-44.6
24.04
147.5
0.0235
71.0
0.879
-26.7
500
0.763
-54.8
22.92
140.9
0.0256
62.9
0.829
-32.3
600
0.730
-64.4
21.72
134.9
0.0296
54.9
0.779
-37.0
700
0.702
-73.0
20.42
129.5
0.0322
52.8
0.731
-41.4
800
0.674
-81.4
19.25
124.4
0.0354
49.7
0.683
-45.0
900
0.648
-89.4
18.18
119.9
0.0374
48.0
0.640
-48.3
1000
0.626
-96.5
17.09
115.7
0.0390
46.0
0.601
-51.4
1100
0.606
-103.2
16.07
111.9
0.0408
42.7
0.565
-54.0
1200
0.588
-109.6
15.17
108.3
0.0422
42.8
0.531
-56.4
1300
0.572
-115.3
14.30
105.1
0.0436
41.4
0.500
-58.7
1400
0.561
-120.6
13.51
102.1
0.0445
39.9
0.472
-60.7
1500
0.550
-125.7
12.80
99.3
0.0450
39.0
0.447
-62.6
1600
0.541
-130.6
12.14
96.7
0.0465
38.5
0.424
-64.3
1700
0.534
-134.9
11.54
94.2
0.0470
37.6
0.402
-66.1
1800
0.528
-139.1
10.99
91.9
0.0478
37.8
0.383
-67.6
1900
0.524
-143.1
10.48
89.7
0.0487
37.5
0.365
-69.4
2000
0.521
-146.9
10.01
87.6
0.0505
36.5
0.347
-70.8
2200
0.517
-153.6
9.18
83.6
0.0512
36.1
0.318
-74.1
2400
0.513
-160.0
8.46
79.9
0.0532
35.4
0.292
-77.3
2600
0.514
-165.6
7.84
76.4
0.0544
35.2
0.269
-80.5
2800
0.515
-170.7
7.30
73.2
0.0565
35.0
0.251
-83.6
3000
0.518
-175.5
6.82
70.0
0.0580
34.4
0.234
-87.0
3200
0.520
-179.8
6.40
67.0
0.0596
34.0
0.219
-90.7
3400
0.524
176.1
6.02
64.1
0.0612
34.3
0.207
-94.2
3600
0.526
172.5
5.68
61.3
0.0633
34.4
0.194
-97.9
3800
0.529
169.1
5.38
58.7
0.0656
34.8
0.185
-101.6
4000
0.535
166.0
5.11
56.1
0.0674
34.1
0.178
-105.8
4200
0.539
163.0
4.86
53.5
0.0693
34.0
0.172
-109.9
4400
0.544
160.1
4.64
50.9
0.0714
33.5
0.167
-114.5
4600
0.549
157.5
4.43
48.5
0.0740
32.7
0.163
-118.8
4800
0.553
154.8
4.24
46.0
0.0752
31.8
0.159
-122.9
5000
0.559
152.2
4.07
43.6
0.0774
31.7
0.156
-127.1
5200
0.563
149.7
3.91
41.2
0.0800
31.1
0.154
-131.7
5400
0.567
147.4
3.76
38.8
0.0824
30.5
0.153
-136.2
5600
0.571
145.0
3.62
36.4
0.0836
29.5
0.151
-140.3
5800
0.574
142.7
3.49
34.1
0.0864
29.1
0.152
-144.4
6000
0.577
140.5
3.37
31.7
0.0890
28.3
0.151
-148.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com