Electronic Components Datasheet Search
  English  ▼

X  

HSG1002 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HSG1002
Description  SiGeHBT High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1002 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HSG1002 Datasheet HTML 8Page - Renesas Technology Corp HSG1002 Datasheet HTML 9Page - Renesas Technology Corp HSG1002 Datasheet HTML 10Page - Renesas Technology Corp HSG1002 Datasheet HTML 11Page - Renesas Technology Corp HSG1002 Datasheet HTML 12Page - Renesas Technology Corp HSG1002 Datasheet HTML 13Page - Renesas Technology Corp HSG1002 Datasheet HTML 14Page - Renesas Technology Corp HSG1002 Datasheet HTML 15Page - Renesas Technology Corp HSG1002 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
HSG1002
Rev.1.00, Apr.12.2004, page 12 of 37
S Parameter
(VCE = 1 V, IC = 1 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.982
-4.8
3.19
176.1
0.0067
74.5
0.995
-2.8
200
0.981
-8.9
3.19
172.0
0.0174
90.3
0.994
-5.4
300
0.976
-12.9
3.18
168.2
0.0226
77.2
0.987
-7.9
400
0.974
-17.7
3.18
165.0
0.0326
80.7
0.981
-10.3
500
0.969
-22.1
3.18
161.4
0.0383
75.7
0.973
-12.9
600
0.963
-26.4
3.16
158.3
0.0475
71.9
0.962
-15.3
700
0.960
-30.7
3.11
154.7
0.0555
68.5
0.950
-17.7
800
0.953
-35.0
3.08
151.3
0.0613
65.6
0.937
-20.0
900
0.948
-39.5
3.09
148.9
0.0693
62.7
0.925
-22.2
1000
0.940
-43.8
3.07
145.0
0.0749
59.5
0.911
-24.4
1100
0.930
-48.1
3.04
141.9
0.0809
56.6
0.897
-26.6
1200
0.921
-52.5
3.03
138.2
0.0883
53.9
0.883
-28.8
1300
0.913
-56.7
2.97
135.1
0.0924
51.9
0.868
-30.9
1400
0.905
-60.9
2.93
132.1
0.0985
48.9
0.855
-32.9
1500
0.896
-65.2
2.90
129.1
0.1043
46.2
0.839
-35.0
1600
0.885
-69.5
2.88
125.9
0.1084
43.9
0.823
-36.9
1700
0.877
-73.7
2.84
123.0
0.1131
41.3
0.810
-38.8
1800
0.869
-77.7
2.79
120.0
0.1178
38.7
0.793
-40.7
1900
0.859
-81.7
2.74
117.1
0.1207
36.3
0.779
-42.7
2000
0.851
-86.0
2.71
114.3
0.1246
33.9
0.764
-44.5
2200
0.836
-93.7
2.61
108.6
0.1311
29.4
0.736
-48.1
2400
0.820
-101.5
2.53
103.2
0.1352
24.9
0.707
-51.7
2600
0.806
-108.9
2.44
98.1
0.1390
20.6
0.678
-55.2
2800
0.794
-116.1
2.35
93.0
0.1420
16.7
0.655
-58.5
3000
0.781
-123.0
2.27
88.0
0.1444
13.0
0.632
-61.7
3200
0.773
-129.6
2.18
83.3
0.1458
9.5
0.609
-65.1
3400
0.764
-135.8
2.09
78.7
0.1453
6.1
0.590
-68.3
3600
0.756
-141.7
2.01
74.4
0.1455
2.5
0.571
-71.4
3800
0.752
-147.2
1.94
70.3
0.1439
-0.3
0.554
-74.6
4000
0.748
-152.6
1.86
66.2
0.1432
-3.1
0.540
-77.7
4200
0.745
-157.8
1.80
62.3
0.1416
-5.7
0.527
-80.8
4400
0.744
-162.6
1.73
58.4
0.1397
-8.2
0.515
-84.0
4600
0.742
-167.2
1.67
54.7
0.1377
-10.4
0.504
-87.1
4800
0.741
-171.6
1.61
51.1
0.1359
-12.8
0.495
-90.3
5000
0.740
-175.8
1.56
47.5
0.1324
-14.9
0.486
-93.3
5200
0.740
-179.9
1.51
44.1
0.1306
-16.7
0.477
-96.6
5400
0.741
176.3
1.45
40.8
0.1278
-18.8
0.472
-99.8
5600
0.741
172.6
1.41
37.5
0.1246
-20.1
0.467
-103.1
5800
0.741
169.1
1.36
34.2
0.1216
-21.8
0.461
-106.2
6000
0.742
165.6
1.32
31.1
0.1183
-22.9
0.456
-109.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com