Electronic Components Datasheet Search
  English  ▼

X  

HSG1002 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # HSG1002
Description  SiGeHBT High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1002 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button HSG1002 Datasheet HTML 15Page - Renesas Technology Corp HSG1002 Datasheet HTML 16Page - Renesas Technology Corp HSG1002 Datasheet HTML 17Page - Renesas Technology Corp HSG1002 Datasheet HTML 18Page - Renesas Technology Corp HSG1002 Datasheet HTML 19Page - Renesas Technology Corp HSG1002 Datasheet HTML 20Page - Renesas Technology Corp HSG1002 Datasheet HTML 21Page - Renesas Technology Corp HSG1002 Datasheet HTML 22Page - Renesas Technology Corp HSG1002 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
HSG1002
Rev.1.00, Apr.12.2004, page 19 of 37
S Parameter
(VCE = 2 V, IC = 1 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.982
-4.2
3.19
176.2
0.0056
113.6
0.988
-2.4
200
0.982
-8.6
3.20
172.3
0.0134
79.0
0.997
-4.8
300
0.977
-12.5
3.19
168.7
0.0191
79.4
0.991
-7.1
400
0.976
-17.0
3.18
165.5
0.0272
80.4
0.984
-9.4
500
0.973
-21.2
3.19
162.2
0.0334
75.6
0.977
-11.7
600
0.967
-25.5
3.17
159.1
0.0399
73.2
0.968
-13.8
700
0.961
-29.7
3.13
155.7
0.0473
69.4
0.958
-16.1
800
0.956
-33.8
3.10
152.4
0.0539
66.9
0.948
-18.2
900
0.951
-38.2
3.12
150.1
0.0582
63.3
0.936
-20.3
1000
0.944
-42.5
3.09
146.3
0.0655
61.3
0.924
-22.3
1100
0.936
-46.6
3.07
143.2
0.0707
58.2
0.913
-24.3
1200
0.927
-50.9
3.06
139.6
0.0758
55.6
0.898
-26.4
1300
0.918
-55.0
3.01
136.6
0.0812
53.4
0.885
-28.3
1400
0.912
-59.1
2.97
133.7
0.0866
50.8
0.873
-30.2
1500
0.902
-63.3
2.95
130.7
0.0905
48.3
0.859
-32.2
1600
0.892
-67.5
2.93
127.6
0.0950
45.7
0.845
-33.9
1700
0.884
-71.5
2.89
124.7
0.0990
42.7
0.831
-35.8
1800
0.875
-75.5
2.84
121.7
0.1030
40.7
0.817
-37.5
1900
0.866
-79.5
2.80
118.9
0.1060
38.3
0.803
-39.3
2000
0.858
-83.7
2.76
116.2
0.1089
35.6
0.789
-41.1
2200
0.842
-91.3
2.67
110.6
0.1148
31.4
0.763
-44.5
2400
0.828
-99.0
2.59
105.2
0.1191
27.1
0.736
-47.9
2600
0.813
-106.4
2.50
100.1
0.1233
22.8
0.709
-51.0
2800
0.802
-113.6
2.42
95.1
0.1258
18.9
0.686
-54.2
3000
0.788
-120.5
2.34
90.1
0.1277
15.2
0.663
-57.2
3200
0.779
-127.0
2.25
85.5
0.1284
11.6
0.643
-60.4
3400
0.770
-133.3
2.16
80.9
0.1292
8.2
0.623
-63.4
3600
0.762
-139.2
2.08
76.6
0.1284
4.7
0.604
-66.3
3800
0.757
-144.8
2.00
72.5
0.1267
2.2
0.588
-69.3
4000
0.754
-150.3
1.93
68.4
0.1264
-0.3
0.574
-72.2
4200
0.750
-155.5
1.87
64.5
0.1251
-2.7
0.561
-75.2
4400
0.748
-160.4
1.80
60.6
0.1232
-5.4
0.549
-78.1
4600
0.746
-165.1
1.74
56.9
0.1209
-7.7
0.538
-81.1
4800
0.745
-169.6
1.68
53.3
0.1196
-9.7
0.529
-84.0
5000
0.744
-173.9
1.62
49.7
0.1169
-11.7
0.520
-87.1
5200
0.743
-178.1
1.57
46.3
0.1143
-13.6
0.511
-90.0
5400
0.744
178.1
1.51
43.0
0.1119
-15.0
0.505
-93.1
5600
0.744
174.4
1.47
39.7
0.1093
-16.6
0.498
-96.1
5800
0.744
170.7
1.42
36.4
0.1067
-18.1
0.493
-99.2
6000
0.744
167.2
1.38
33.3
0.1031
-19.0
0.487
-102.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com