Electronic Components Datasheet Search
  English  ▼

X  

HSG1002 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # HSG1002
Description  SiGeHBT High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1002 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button HSG1002 Datasheet HTML 24Page - Renesas Technology Corp HSG1002 Datasheet HTML 25Page - Renesas Technology Corp HSG1002 Datasheet HTML 26Page - Renesas Technology Corp HSG1002 Datasheet HTML 27Page - Renesas Technology Corp HSG1002 Datasheet HTML 28Page - Renesas Technology Corp HSG1002 Datasheet HTML 29Page - Renesas Technology Corp HSG1002 Datasheet HTML 30Page - Renesas Technology Corp HSG1002 Datasheet HTML 31Page - Renesas Technology Corp HSG1002 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
HSG1002
Rev.1.00, Apr.12.2004, page 28 of 37
S Parameter
(VCE = 3 V, IC = 5 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.932
-7.6
14.55
173.4
0.0077
30.4
0.978
-4.9
200
0.921
-15.6
14.43
167.2
0.0127
85.0
0.982
-9.6
300
0.904
-23.0
14.19
161.5
0.0177
81.7
0.966
-13.8
400
0.891
-30.8
13.93
156.0
0.0264
72.1
0.941
-18.4
500
0.872
-38.3
13.65
150.9
0.0296
69.7
0.917
-22.6
600
0.853
-45.6
13.31
146.0
0.0345
62.9
0.887
-26.4
700
0.833
-52.3
12.82
141.3
0.0393
60.3
0.855
-30.3
800
0.811
-59.2
12.44
136.7
0.0431
55.4
0.823
-33.7
900
0.792
-66.2
12.15
132.7
0.0460
52.7
0.789
-36.8
1000
0.771
-72.5
11.71
128.3
0.0497
50.0
0.757
-39.8
1100
0.750
-78.6
11.27
124.4
0.0517
46.9
0.726
-42.5
1200
0.728
-84.9
10.91
120.4
0.0536
44.9
0.694
-45.2
1300
0.710
-90.4
10.47
116.9
0.0562
42.8
0.665
-47.6
1400
0.694
-95.8
10.04
113.6
0.0579
40.8
0.638
-49.9
1500
0.678
-101.2
9.68
110.4
0.0600
39.5
0.610
-52.1
1600
0.663
-106.3
9.31
107.3
0.0611
36.8
0.586
-53.9
1700
0.651
-111.1
8.96
104.4
0.0624
34.7
0.562
-55.9
1800
0.640
-115.8
8.61
101.6
0.0642
33.4
0.540
-57.7
1900
0.629
-120.2
8.29
99.0
0.0648
32.2
0.519
-59.4
2000
0.621
-124.6
7.98
96.5
0.0661
30.9
0.500
-61.2
2200
0.607
-132.3
7.41
91.7
0.0669
28.6
0.463
-64.4
2400
0.596
-139.8
6.92
87.2
0.0683
27.5
0.431
-67.3
2600
0.588
-146.7
6.47
83.1
0.0691
25.6
0.402
-70.3
2800
0.583
-152.9
6.06
79.3
0.0697
23.5
0.377
-73.3
3000
0.579
-158.7
5.69
75.5
0.0705
23.4
0.355
-75.9
3200
0.578
-164.0
5.36
72.0
0.0707
22.3
0.336
-79.1
3400
0.577
-169.1
5.07
68.6
0.0715
21.0
0.318
-81.9
3600
0.576
-173.7
4.79
65.4
0.0725
21.0
0.302
-84.8
3800
0.576
-177.8
4.55
62.4
0.0726
20.3
0.289
-87.7
4000
0.579
178.2
4.33
59.4
0.0736
20.1
0.278
-90.8
4200
0.582
174.4
4.13
56.4
0.0743
19.7
0.268
-93.8
4400
0.585
170.9
3.94
53.5
0.0741
19.8
0.260
-97.1
4600
0.588
167.5
3.78
50.8
0.0757
19.2
0.252
-100.4
4800
0.591
164.3
3.62
48.0
0.0762
18.6
0.245
-103.7
5000
0.594
161.3
3.47
45.3
0.0778
19.0
0.240
-106.8
5200
0.598
158.2
3.34
42.6
0.0795
18.1
0.234
-110.5
5400
0.601
155.5
3.21
40.0
0.0802
17.7
0.229
-113.9
5600
0.604
152.7
3.10
37.4
0.0811
18.3
0.226
-117.2
5800
0.607
150.1
2.99
34.8
0.0820
17.6
0.222
-120.8
6000
0.610
147.4
2.89
32.3
0.0838
17.5
0.219
-124.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com