Electronic Components Datasheet Search
  English  ▼

X  

HSG1002 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # HSG1002
Description  SiGeHBT High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1002 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button HSG1002 Datasheet HTML 27Page - Renesas Technology Corp HSG1002 Datasheet HTML 28Page - Renesas Technology Corp HSG1002 Datasheet HTML 29Page - Renesas Technology Corp HSG1002 Datasheet HTML 30Page - Renesas Technology Corp HSG1002 Datasheet HTML 31Page - Renesas Technology Corp HSG1002 Datasheet HTML 32Page - Renesas Technology Corp HSG1002 Datasheet HTML 33Page - Renesas Technology Corp HSG1002 Datasheet HTML 34Page - Renesas Technology Corp HSG1002 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
HSG1002
Rev.1.00, Apr.12.2004, page 31 of 37
S Parameter
(VCE = 3 V, IC = 20 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.762
-18.1
45.58
166.7
0.0069
94.7
0.914
-11.9
200
0.731
-35.4
43.16
155.1
0.0106
75.2
0.910
-21.1
300
0.690
-51.2
39.90
144.9
0.0166
63.3
0.841
-29.8
400
0.650
-65.6
36.55
136.3
0.0194
62.3
0.767
-37.2
500
0.611
-78.6
33.26
128.7
0.0199
56.3
0.694
-43.2
600
0.577
-89.9
30.17
122.3
0.0236
53.3
0.629
-48.1
700
0.552
-99.5
27.40
117.0
0.0245
50.9
0.571
-52.2
800
0.531
-108.2
24.99
112.3
0.0265
48.7
0.521
-55.6
900
0.513
-116.0
22.90
108.2
0.0279
47.0
0.478
-58.4
1000
0.500
-122.9
21.08
104.6
0.0301
48.4
0.441
-60.9
1100
0.490
-129.0
19.48
101.4
0.0307
47.1
0.409
-63.0
1200
0.482
-134.7
18.09
98.5
0.0317
46.0
0.380
-65.1
1300
0.475
-139.5
16.85
95.8
0.0328
47.2
0.354
-67.1
1400
0.471
-144.3
15.77
93.4
0.0341
47.3
0.332
-69.0
1500
0.468
-148.5
14.81
91.1
0.0362
45.9
0.311
-70.6
1600
0.466
-152.4
13.94
88.9
0.0361
45.5
0.293
-72.0
1700
0.464
-155.9
13.17
86.9
0.0382
46.5
0.277
-73.6
1800
0.465
-159.4
12.48
85.0
0.0388
46.3
0.262
-75.3
1900
0.464
-162.5
11.84
83.1
0.0400
47.2
0.248
-77.0
2000
0.465
-165.5
11.27
81.4
0.0413
47.2
0.235
-78.7
2200
0.467
-170.8
10.27
78.1
0.0443
47.0
0.214
-82.2
2400
0.470
-175.8
9.43
74.9
0.0461
47.0
0.195
-85.9
2600
0.475
180.0
8.71
72.0
0.0486
46.4
0.179
-90.2
2800
0.480
175.8
8.08
69.1
0.0508
46.4
0.165
-94.4
3000
0.486
172.2
7.53
66.4
0.0539
46.0
0.154
-98.9
3200
0.491
168.8
7.06
63.7
0.0567
45.3
0.144
-104.7
3400
0.497
165.5
6.63
61.1
0.0585
45.4
0.135
-109.8
3600
0.501
162.5
6.24
58.7
0.0615
45.2
0.127
-114.9
3800
0.505
159.8
5.91
56.4
0.0641
44.8
0.124
-119.9
4000
0.511
157.3
5.61
54.0
0.0672
44.4
0.122
-126.0
4200
0.517
154.8
5.33
51.6
0.0701
43.3
0.120
-131.3
4400
0.523
152.6
5.08
49.2
0.0730
42.3
0.119
-137.4
4600
0.529
150.3
4.86
47.0
0.0754
41.7
0.119
-142.4
4800
0.533
148.0
4.65
44.7
0.0777
39.9
0.119
-147.4
5000
0.538
145.8
4.46
42.4
0.0808
40.0
0.120
-152.6
5200
0.543
143.6
4.28
40.2
0.0835
38.7
0.123
-157.8
5400
0.547
141.7
4.12
37.9
0.0857
37.7
0.125
-162.8
5600
0.553
139.7
3.97
35.8
0.0885
36.7
0.126
-166.5
5800
0.556
137.5
3.82
33.5
0.0910
35.7
0.129
-171.1
6000
0.561
135.6
3.69
31.3
0.0935
34.5
0.131
-175.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com