Electronic Components Datasheet Search
  English  ▼

X  

HSG1002 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # HSG1002
Description  SiGeHBT High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1002 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button HSG1002 Datasheet HTML 23Page - Renesas Technology Corp HSG1002 Datasheet HTML 24Page - Renesas Technology Corp HSG1002 Datasheet HTML 25Page - Renesas Technology Corp HSG1002 Datasheet HTML 26Page - Renesas Technology Corp HSG1002 Datasheet HTML 27Page - Renesas Technology Corp HSG1002 Datasheet HTML 28Page - Renesas Technology Corp HSG1002 Datasheet HTML 29Page - Renesas Technology Corp HSG1002 Datasheet HTML 30Page - Renesas Technology Corp HSG1002 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
HSG1002
Rev.1.00, Apr.12.2004, page 27 of 37
S Parameter
(VCE = 3 V, IC = 3 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.960
-6.0
9.09
174.7
0.0049
83.6
0.983
-4.0
200
0.951
-12.3
9.07
169.7
0.0133
80.1
0.989
-7.2
300
0.942
-18.0
8.98
164.9
0.0188
78.0
0.978
-10.6
400
0.933
-24.4
8.91
160.4
0.0258
74.3
0.966
-14.0
500
0.921
-30.4
8.82
156.1
0.0309
69.5
0.950
-17.4
600
0.909
-36.3
8.69
152.0
0.0352
67.8
0.933
-20.5
700
0.898
-42.0
8.47
147.8
0.0424
62.8
0.912
-23.7
800
0.882
-47.6
8.30
143.8
0.0469
59.9
0.889
-26.7
900
0.870
-53.6
8.24
140.4
0.0506
56.4
0.866
-29.5
1000
0.853
-59.2
8.05
136.2
0.0553
54.1
0.841
-32.1
1100
0.837
-64.5
7.85
132.5
0.0591
50.9
0.818
-34.6
1200
0.819
-70.2
7.72
128.6
0.0619
47.9
0.793
-37.2
1300
0.803
-75.2
7.49
125.2
0.0658
45.5
0.769
-39.6
1400
0.789
-80.2
7.27
121.9
0.0687
44.0
0.747
-41.8
1500
0.774
-85.3
7.10
118.7
0.0712
40.8
0.722
-44.0
1600
0.758
-90.3
6.92
115.5
0.0732
38.8
0.700
-45.9
1700
0.746
-94.9
6.72
112.4
0.0756
36.4
0.678
-47.9
1800
0.733
-99.6
6.51
109.5
0.0764
34.1
0.656
-49.7
1900
0.721
-104.0
6.33
106.6
0.0781
33.1
0.636
-51.6
2000
0.711
-108.5
6.15
103.9
0.0789
31.0
0.617
-53.4
2200
0.692
-116.5
5.79
98.7
0.0818
27.8
0.580
-56.7
2400
0.676
-124.4
5.47
93.8
0.0830
25.1
0.547
-59.9
2600
0.664
-131.8
5.17
89.2
0.0845
21.7
0.516
-63.0
2800
0.654
-138.6
4.89
84.8
0.0845
20.5
0.488
-65.8
3000
0.645
-145.0
4.63
80.6
0.0859
17.6
0.465
-68.6
3200
0.640
-151.0
4.38
76.7
0.0856
16.0
0.442
-71.5
3400
0.635
-156.6
4.16
72.9
0.0856
13.6
0.423
-74.2
3600
0.631
-161.8
3.95
69.3
0.0848
12.6
0.404
-77.0
3800
0.629
-166.6
3.76
65.9
0.0837
11.0
0.390
-79.8
4000
0.628
-171.1
3.59
62.5
0.0840
10.3
0.376
-82.4
4200
0.629
-175.5
3.44
59.2
0.0838
9.7
0.364
-85.5
4400
0.630
-179.6
3.29
56.0
0.0841
8.9
0.353
-88.4
4600
0.632
176.6
3.16
53.0
0.0836
8.4
0.344
-91.3
4800
0.632
172.9
3.03
50.0
0.0834
7.4
0.335
-94.2
5000
0.635
169.4
2.91
47.0
0.0829
7.0
0.328
-97.1
5200
0.637
165.9
2.80
44.0
0.0831
6.8
0.320
-100.2
5400
0.639
162.8
2.70
41.2
0.0828
6.6
0.315
-103.3
5600
0.641
159.7
2.60
38.4
0.0830
6.2
0.309
-106.3
5800
0.643
156.6
2.51
35.6
0.0827
6.1
0.305
-109.5
6000
0.644
153.6
2.43
32.9
0.0833
5.6
0.300
-112.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com