Electronic Components Datasheet Search
  English  ▼

X  

HSG1002 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # HSG1002
Description  SiGeHBT High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1002 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button HSG1002 Datasheet HTML 28Page - Renesas Technology Corp HSG1002 Datasheet HTML 29Page - Renesas Technology Corp HSG1002 Datasheet HTML 30Page - Renesas Technology Corp HSG1002 Datasheet HTML 31Page - Renesas Technology Corp HSG1002 Datasheet HTML 32Page - Renesas Technology Corp HSG1002 Datasheet HTML 33Page - Renesas Technology Corp HSG1002 Datasheet HTML 34Page - Renesas Technology Corp HSG1002 Datasheet HTML 35Page - Renesas Technology Corp HSG1002 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
HSG1002
Rev.1.00, Apr.12.2004, page 32 of 37
S Parameter
(VCE = 3 V, IC = 30 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.662
-23.2
58.67
164.0
0.0119
90.3
0.860
-14.7
200
0.639
-45.5
54.11
150.2
0.0092
67.3
0.868
-25.4
300
0.596
-64.6
48.37
138.8
0.0114
61.1
0.774
-35.4
400
0.559
-80.7
42.87
129.6
0.0175
58.5
0.690
-42.9
500
0.527
-94.4
37.88
122.0
0.0182
55.2
0.608
-48.8
600
0.503
-105.7
33.60
116.0
0.0207
55.0
0.542
-53.2
700
0.486
-115.3
30.01
111.0
0.0226
52.4
0.484
-56.9
800
0.472
-123.6
27.02
106.7
0.0230
52.3
0.438
-60.0
900
0.462
-130.7
24.49
103.1
0.0243
51.6
0.399
-62.4
1000
0.456
-136.8
22.38
99.9
0.0262
52.0
0.367
-64.6
1100
0.452
-142.4
20.57
97.0
0.0274
50.6
0.337
-66.6
1200
0.449
-147.3
19.00
94.4
0.0287
50.9
0.312
-68.4
1300
0.445
-151.6
17.64
92.0
0.0293
49.7
0.290
-70.1
1400
0.444
-155.6
16.46
89.8
0.0315
50.9
0.272
-71.8
1500
0.445
-159.4
15.42
87.8
0.0327
51.0
0.254
-73.4
1600
0.445
-162.6
14.48
85.8
0.0332
52.4
0.239
-74.8
1700
0.445
-165.6
13.66
84.0
0.0351
52.0
0.225
-76.5
1800
0.447
-168.6
12.93
82.3
0.0361
52.2
0.212
-78.1
1900
0.449
-171.2
12.25
80.6
0.0376
51.7
0.202
-80.1
2000
0.451
-173.8
11.65
79.0
0.0393
53.1
0.190
-82.1
2200
0.454
-178.4
10.60
75.9
0.0422
52.3
0.172
-86.0
2400
0.461
177.4
9.71
73.0
0.0447
52.5
0.156
-90.3
2600
0.466
173.6
8.96
70.2
0.0478
53.1
0.144
-94.8
2800
0.473
170.2
8.32
67.6
0.0501
50.7
0.132
-100.4
3000
0.478
167.1
7.75
65.0
0.0540
51.0
0.124
-106.1
3200
0.484
164.0
7.25
62.4
0.0566
50.9
0.117
-112.6
3400
0.491
161.0
6.81
59.9
0.0587
49.7
0.112
-118.8
3600
0.495
158.3
6.41
57.6
0.0616
49.2
0.106
-125.3
3800
0.500
156.1
6.07
55.4
0.0638
49.3
0.104
-131.4
4000
0.507
153.7
5.76
53.1
0.0679
47.9
0.104
-137.5
4200
0.513
151.5
5.48
50.8
0.0704
46.8
0.105
-143.4
4400
0.518
149.3
5.22
48.5
0.0742
45.8
0.107
-149.8
4600
0.525
147.3
4.99
46.4
0.0768
44.7
0.109
-154.9
4800
0.529
145.3
4.77
44.2
0.0799
43.9
0.110
-160.0
5000
0.534
143.1
4.57
42.0
0.0815
42.6
0.113
-165.5
5200
0.540
141.0
4.39
39.8
0.0851
41.4
0.117
-170.0
5400
0.544
139.2
4.22
37.6
0.0876
40.2
0.120
-174.4
5600
0.548
137.4
4.07
35.4
0.0906
39.4
0.124
-178.3
5800
0.553
135.4
3.93
33.3
0.0929
37.9
0.127
177.8
6000
0.556
133.4
3.79
31.1
0.0957
36.5
0.132
174.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com