Electronic Components Datasheet Search
  English  ▼

X  

HSG1002 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HSG1002
Description  SiGeHBT High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1002 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HSG1002 Datasheet HTML 1Page - Renesas Technology Corp HSG1002 Datasheet HTML 2Page - Renesas Technology Corp HSG1002 Datasheet HTML 3Page - Renesas Technology Corp HSG1002 Datasheet HTML 4Page - Renesas Technology Corp HSG1002 Datasheet HTML 5Page - Renesas Technology Corp HSG1002 Datasheet HTML 6Page - Renesas Technology Corp HSG1002 Datasheet HTML 7Page - Renesas Technology Corp HSG1002 Datasheet HTML 8Page - Renesas Technology Corp HSG1002 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
HSG1002
Rev.1.00, Apr.12.2004, page 4 of 37
30
25
20
15
10
5
0
1
10
100
30
25
20
15
10
5
0
1
10
100
MAG
30
25
20
15
10
5
0
1
10
100
S21
30
25
20
15
10
5
0
1
10
100
30
25
20
15
10
5
0
1
10
100
MAG
30
25
20
15
10
5
0
1
10
100
S21
MSG
MAG
S21
MSG
S21
S21
MSG
S21
MAG
MSG
MSG
VCE=1V
f=5.8GHz
VCE=1V
f=2.4GHz
Collector Current
IC (mA)
Collector Current
IC (mA)
VCE=2V
f=1.8GHz
VCE=2V
f=2.4GHz
Collector Current
IC (mA)
Collector Current
IC (mA)
VCE=3V
f=1.8GHz
VCE=2V
f=5.8GHz
Collector Current
IC (mA)
Collector Current
IC (mA)
MSG
|S21|
2,MSG,MAG vs. Collector Current
|S21|
2,MSG,MAG vs. Collector Current
|S21|
2,MSG,MAG vs. Collector Current
|S21|
2,MSG,MAG vs. Collector Current
|S21|
2,MSG vs. Collector Current
|S21|
2,MSG vs. Collector Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com