Electronic Components Datasheet Search
  English  ▼

X  

HSG1002 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # HSG1002
Description  SiGeHBT High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1002 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button HSG1002 Datasheet HTML 12Page - Renesas Technology Corp HSG1002 Datasheet HTML 13Page - Renesas Technology Corp HSG1002 Datasheet HTML 14Page - Renesas Technology Corp HSG1002 Datasheet HTML 15Page - Renesas Technology Corp HSG1002 Datasheet HTML 16Page - Renesas Technology Corp HSG1002 Datasheet HTML 17Page - Renesas Technology Corp HSG1002 Datasheet HTML 18Page - Renesas Technology Corp HSG1002 Datasheet HTML 19Page - Renesas Technology Corp HSG1002 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
HSG1002
Rev.1.00, Apr.12.2004, page 16 of 37
S Parameter
(VCE = 1 V, IC = 10 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.862
-13.3
26.51
169.9
0.0078
97.9
0.942
-10.0
200
0.841
-26.0
25.84
160.8
0.0125
66.3
0.950
-17.6
300
0.811
-37.8
24.78
152.5
0.0211
63.1
0.904
-25.5
400
0.779
-49.3
23.61
145.1
0.0253
62.7
0.849
-32.8
500
0.747
-60.2
22.36
138.3
0.0312
57.4
0.796
-39.4
600
0.716
-70.5
21.06
132.2
0.0348
54.7
0.740
-45.1
700
0.688
-79.6
19.67
126.7
0.0386
50.2
0.685
-50.4
800
0.661
-88.2
18.45
121.6
0.0402
47.3
0.635
-55.0
900
0.638
-96.5
17.34
117.1
0.0431
43.8
0.590
-59.1
1000
0.619
-103.7
16.22
112.9
0.0445
44.0
0.548
-62.8
1100
0.602
-110.2
15.20
109.2
0.0468
41.1
0.511
-66.4
1200
0.586
-116.8
14.30
105.7
0.0473
39.9
0.477
-69.5
1300
0.574
-122.2
13.44
102.6
0.0496
38.6
0.446
-72.5
1400
0.565
-127.5
12.67
99.7
0.0510
37.6
0.420
-75.4
1500
0.556
-132.6
11.98
97.0
0.0516
37.2
0.394
-78.3
1600
0.550
-137.1
11.35
94.4
0.0531
36.0
0.371
-80.7
1700
0.545
-141.4
10.77
92.0
0.0534
35.5
0.351
-83.6
1800
0.541
-145.5
10.24
89.7
0.0542
35.2
0.332
-86.0
1900
0.538
-149.2
9.75
87.5
0.0558
34.8
0.315
-88.5
2000
0.536
-152.8
9.30
85.5
0.0571
34.5
0.299
-91.2
2200
0.534
-159.3
8.52
81.6
0.0587
33.1
0.272
-96.2
2400
0.534
-165.1
7.84
78.0
0.0605
33.0
0.250
-101.4
2600
0.534
-170.4
7.26
74.6
0.0621
32.6
0.230
-106.8
2800
0.537
-175.3
6.75
71.4
0.0638
32.9
0.215
-112.2
3000
0.540
-179.7
6.30
68.3
0.0655
31.3
0.202
-117.6
3200
0.545
176.1
5.90
65.3
0.0681
31.5
0.192
-123.6
3400
0.547
172.4
5.55
62.4
0.0691
31.1
0.184
-129.2
3600
0.550
168.7
5.23
59.7
0.0710
31.1
0.177
-134.8
3800
0.554
165.6
4.95
57.2
0.0737
31.0
0.173
-139.9
4000
0.559
162.6
4.70
54.5
0.0759
30.5
0.171
-145.0
4200
0.564
159.7
4.47
52.0
0.0785
29.8
0.170
-150.1
4400
0.569
157.0
4.26
49.4
0.0804
29.6
0.171
-155.1
4600
0.574
154.4
4.07
47.0
0.0820
28.7
0.171
-159.4
4800
0.577
151.8
3.89
44.6
0.0846
27.9
0.172
-163.8
5000
0.582
149.3
3.73
42.2
0.0871
27.3
0.174
-168.3
5200
0.587
146.9
3.58
39.8
0.0898
26.5
0.177
-172.4
5400
0.590
144.6
3.44
37.4
0.0912
26.2
0.179
-176.3
5600
0.594
142.4
3.31
35.1
0.0931
25.6
0.180
-179.9
5800
0.598
140.1
3.19
32.7
0.0953
24.5
0.184
176.5
6000
0.601
138.0
3.08
30.4
0.0983
23.6
0.186
173.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com