Electronic Components Datasheet Search
  English  ▼

X  

HSG1002 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # HSG1002
Description  SiGeHBT High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1002 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button HSG1002 Datasheet HTML 19Page - Renesas Technology Corp HSG1002 Datasheet HTML 20Page - Renesas Technology Corp HSG1002 Datasheet HTML 21Page - Renesas Technology Corp HSG1002 Datasheet HTML 22Page - Renesas Technology Corp HSG1002 Datasheet HTML 23Page - Renesas Technology Corp HSG1002 Datasheet HTML 24Page - Renesas Technology Corp HSG1002 Datasheet HTML 25Page - Renesas Technology Corp HSG1002 Datasheet HTML 26Page - Renesas Technology Corp HSG1002 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
HSG1002
Rev.1.00, Apr.12.2004, page 23 of 37
S Parameter
(VCE = 2 V, IC = 10 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.869
-11.9
26.85
170.5
0.0102
80.4
0.950
-8.4
200
0.849
-23.7
26.20
161.9
0.0141
72.6
0.960
-15.1
300
0.822
-34.8
25.19
153.9
0.0185
66.0
0.918
-22.0
400
0.792
-45.7
24.09
146.8
0.0242
66.8
0.874
-28.3
500
0.759
-56.1
22.92
140.2
0.0282
60.1
0.822
-34.1
600
0.728
-65.9
21.68
134.2
0.0305
54.9
0.772
-39.1
700
0.700
-74.6
20.34
128.8
0.0340
52.8
0.721
-43.7
800
0.672
-83.0
19.15
123.6
0.0363
49.6
0.672
-47.7
900
0.647
-91.3
18.06
119.2
0.0379
46.5
0.627
-51.1
1000
0.623
-98.3
16.96
114.9
0.0407
45.0
0.588
-54.2
1100
0.605
-104.9
15.93
111.2
0.0415
43.6
0.550
-57.1
1200
0.587
-111.3
15.02
107.6
0.0430
43.1
0.516
-59.6
1300
0.573
-116.9
14.14
104.4
0.0446
41.0
0.485
-61.9
1400
0.562
-122.2
13.35
101.4
0.0455
40.0
0.458
-64.3
1500
0.552
-127.4
12.65
98.7
0.0471
39.6
0.432
-66.4
1600
0.543
-132.1
11.99
96.1
0.0478
38.4
0.408
-68.2
1700
0.535
-136.5
11.39
93.6
0.0492
37.6
0.387
-70.2
1800
0.531
-140.7
10.84
91.3
0.0491
37.2
0.368
-72.0
1900
0.528
-144.6
10.33
89.1
0.0502
35.8
0.349
-73.8
2000
0.523
-148.3
9.87
87.0
0.0515
36.0
0.333
-75.7
2200
0.519
-155.0
9.04
83.1
0.0532
35.4
0.304
-79.1
2400
0.518
-161.2
8.34
79.3
0.0551
35.5
0.279
-82.8
2600
0.519
-166.7
7.72
75.9
0.0568
34.5
0.256
-86.7
2800
0.520
-171.7
7.19
72.7
0.0581
33.6
0.237
-90.1
3000
0.522
-176.5
6.71
69.5
0.0603
34.0
0.221
-94.0
3200
0.526
179.3
6.30
66.5
0.0618
33.5
0.207
-98.3
3400
0.529
175.3
5.92
63.6
0.0633
34.2
0.195
-102.4
3600
0.532
171.6
5.58
60.9
0.0648
33.2
0.183
-106.8
3800
0.535
168.3
5.28
58.3
0.0667
34.0
0.175
-110.7
4000
0.540
165.2
5.02
55.7
0.0699
33.5
0.170
-115.4
4200
0.545
162.2
4.78
53.1
0.0715
32.7
0.164
-120.1
4400
0.550
159.4
4.56
50.5
0.0734
32.6
0.162
-124.7
4600
0.556
156.7
4.35
48.1
0.0754
31.7
0.158
-129.3
4800
0.558
154.1
4.17
45.7
0.0780
31.2
0.155
-133.6
5000
0.563
151.5
4.00
43.2
0.0795
30.8
0.154
-138.4
5200
0.568
149.1
3.84
40.8
0.0823
30.7
0.153
-142.9
5400
0.572
146.7
3.69
38.4
0.0848
29.2
0.153
-147.3
5600
0.576
144.4
3.56
36.1
0.0861
28.3
0.152
-151.6
5800
0.580
142.1
3.43
33.7
0.0888
28.1
0.153
-155.8
6000
0.583
139.9
3.31
31.4
0.0905
27.3
0.154
-160.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com