Electronic Components Datasheet Search
  English  ▼

X  

HSG1002 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # HSG1002
Description  SiGeHBT High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1002 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button HSG1002 Datasheet HTML 14Page - Renesas Technology Corp HSG1002 Datasheet HTML 15Page - Renesas Technology Corp HSG1002 Datasheet HTML 16Page - Renesas Technology Corp HSG1002 Datasheet HTML 17Page - Renesas Technology Corp HSG1002 Datasheet HTML 18Page - Renesas Technology Corp HSG1002 Datasheet HTML 19Page - Renesas Technology Corp HSG1002 Datasheet HTML 20Page - Renesas Technology Corp HSG1002 Datasheet HTML 21Page - Renesas Technology Corp HSG1002 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
HSG1002
Rev.1.00, Apr.12.2004, page 18 of 37
S Parameter
(VCE = 1 V, IC = 30 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.589
-31.0
45.47
162.6
0.0154
91.0
0.816
-19.0
200
0.583
-58.7
43.68
147.4
0.0106
71.5
0.808
-32.4
300
0.561
-80.2
40.21
135.0
0.0161
57.9
0.700
-44.0
400
0.545
-97.1
36.32
125.4
0.0183
55.2
0.603
-53.0
500
0.531
-111.0
32.19
117.8
0.0201
50.7
0.527
-60.4
600
0.518
-121.5
28.79
112.0
0.0225
46.6
0.461
-66.2
700
0.509
-130.1
25.74
107.3
0.0246
48.0
0.407
-71.2
800
0.502
-137.2
23.30
103.3
0.0260
47.9
0.365
-75.4
900
0.496
-143.2
21.26
99.8
0.0260
48.0
0.327
-79.4
1000
0.495
-148.6
19.37
96.9
0.0279
48.0
0.298
-82.8
1100
0.493
-153.3
17.82
94.1
0.0297
48.3
0.274
-86.0
1200
0.491
-157.4
16.48
91.7
0.0307
48.5
0.252
-89.5
1300
0.490
-161.0
15.31
89.5
0.0326
49.5
0.234
-92.8
1400
0.492
-164.5
14.28
87.4
0.0337
50.5
0.218
-96.2
1500
0.492
-167.7
13.39
85.4
0.0349
50.7
0.204
-99.6
1600
0.493
-170.5
12.58
83.6
0.0370
50.3
0.191
-102.5
1700
0.495
-173.2
11.85
81.8
0.0388
50.6
0.181
-106.1
1800
0.497
-175.7
11.21
80.1
0.0400
50.2
0.172
-109.5
1900
0.499
-178.0
10.64
78.4
0.0413
50.4
0.164
-113.4
2000
0.502
179.8
10.11
76.9
0.0428
49.8
0.157
-116.8
2200
0.506
175.9
9.19
73.9
0.0459
50.6
0.147
-124.4
2400
0.512
172.0
8.42
71.0
0.0496
50.4
0.140
-132.1
2600
0.519
168.7
7.77
68.3
0.0524
50.1
0.135
-139.8
2800
0.525
165.5
7.21
65.6
0.0553
49.1
0.134
-147.3
3000
0.530
162.7
6.71
63.1
0.0580
49.2
0.132
-153.8
3200
0.536
159.8
6.28
60.5
0.0614
48.8
0.136
-160.4
3400
0.542
157.1
5.89
58.1
0.0640
47.6
0.138
-166.3
3600
0.546
154.7
5.54
55.8
0.0668
46.2
0.141
-171.7
3800
0.550
152.4
5.24
53.5
0.0700
46.8
0.145
-176.1
4000
0.557
150.2
4.98
51.2
0.0743
44.5
0.150
179.9
4200
0.562
148.1
4.73
48.9
0.0769
44.1
0.157
176.0
4400
0.568
146.0
4.51
46.7
0.0797
42.9
0.161
172.3
4600
0.573
144.1
4.30
44.5
0.0831
41.9
0.166
169.1
4800
0.577
142.1
4.11
42.3
0.0855
40.5
0.171
165.8
5000
0.582
140.0
3.94
40.1
0.0886
40.1
0.177
162.8
5200
0.588
138.1
3.78
37.9
0.0917
38.6
0.183
160.0
5400
0.591
136.2
3.64
35.7
0.0945
37.0
0.188
157.0
5600
0.595
134.4
3.50
33.5
0.0973
36.0
0.193
154.6
5800
0.598
132.5
3.38
31.4
0.1006
34.7
0.198
151.8
6000
0.602
130.6
3.26
29.2
0.1031
33.5
0.203
149.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com