Electronic Components Datasheet Search
  English  ▼

X  

HSG1002 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # HSG1002
Description  SiGeHBT High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1002 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button HSG1002 Datasheet HTML 18Page - Renesas Technology Corp HSG1002 Datasheet HTML 19Page - Renesas Technology Corp HSG1002 Datasheet HTML 20Page - Renesas Technology Corp HSG1002 Datasheet HTML 21Page - Renesas Technology Corp HSG1002 Datasheet HTML 22Page - Renesas Technology Corp HSG1002 Datasheet HTML 23Page - Renesas Technology Corp HSG1002 Datasheet HTML 24Page - Renesas Technology Corp HSG1002 Datasheet HTML 25Page - Renesas Technology Corp HSG1002 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
HSG1002
Rev.1.00, Apr.12.2004, page 22 of 37
S Parameter
(VCE = 2 V, IC = 7 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.905
-9.6
19.82
172.0
0.0091
100.4
0.962
-7.2
200
0.893
-19.2
19.52
164.8
0.0131
83.9
0.975
-12.2
300
0.868
-28.3
19.02
158.0
0.0184
70.1
0.947
-17.9
400
0.848
-37.4
18.44
151.7
0.0232
69.6
0.913
-23.2
500
0.822
-46.3
17.84
145.9
0.0295
63.5
0.877
-28.4
600
0.797
-54.9
17.17
140.3
0.0337
58.9
0.836
-32.9
700
0.772
-62.6
16.35
135.2
0.0379
55.5
0.794
-37.3
800
0.747
-70.3
15.65
130.3
0.0414
52.0
0.752
-41.2
900
0.724
-78.1
15.03
125.9
0.0436
49.2
0.712
-44.6
1000
0.700
-84.9
14.31
121.5
0.0463
46.2
0.673
-47.8
1100
0.679
-91.4
13.59
117.6
0.0477
44.6
0.638
-50.7
1200
0.657
-97.9
12.98
113.7
0.0495
42.6
0.604
-53.4
1300
0.639
-103.7
12.33
110.3
0.0520
40.1
0.573
-55.9
1400
0.626
-109.0
11.73
107.2
0.0530
39.1
0.544
-58.3
1500
0.612
-114.4
11.19
104.2
0.0549
37.4
0.516
-60.6
1600
0.600
-119.4
10.68
101.3
0.0557
36.5
0.491
-62.4
1700
0.590
-124.1
10.20
98.6
0.0568
35.4
0.468
-64.5
1800
0.582
-128.6
9.75
96.0
0.0576
34.1
0.446
-66.3
1900
0.574
-132.8
9.33
93.6
0.0582
33.3
0.426
-68.3
2000
0.568
-137.0
8.94
91.3
0.0591
31.7
0.407
-69.9
2200
0.559
-144.2
8.24
86.9
0.0609
30.5
0.374
-73.4
2400
0.554
-151.2
7.63
82.9
0.0617
29.9
0.344
-76.7
2600
0.550
-157.4
7.10
79.1
0.0630
29.1
0.318
-80.2
2800
0.549
-163.1
6.63
75.6
0.0636
28.6
0.296
-83.4
3000
0.549
-168.3
6.20
72.1
0.0654
27.4
0.277
-86.5
3200
0.550
-173.1
5.82
68.9
0.0675
27.3
0.260
-90.4
3400
0.551
-177.6
5.49
65.8
0.0671
26.9
0.245
-93.9
3600
0.552
178.2
5.18
62.8
0.0684
26.2
0.231
-97.4
3800
0.555
174.6
4.91
60.0
0.0700
26.8
0.220
-100.9
4000
0.559
171.1
4.66
57.2
0.0719
26.4
0.212
-104.9
4200
0.563
167.7
4.44
54.5
0.0736
26.1
0.205
-108.8
4400
0.568
164.5
4.24
51.8
0.0745
25.6
0.199
-112.8
4600
0.572
161.6
4.05
49.2
0.0763
25.0
0.192
-116.7
4800
0.575
158.7
3.88
46.6
0.0782
24.9
0.188
-120.7
5000
0.580
155.9
3.72
44.0
0.0789
24.4
0.184
-124.7
5200
0.584
153.1
3.58
41.5
0.0808
24.1
0.181
-128.9
5400
0.587
150.6
3.44
39.0
0.0834
23.7
0.178
-133.1
5600
0.591
148.1
3.31
36.6
0.0844
23.3
0.177
-136.7
5800
0.594
145.6
3.20
34.1
0.0862
22.6
0.176
-140.8
6000
0.597
143.3
3.09
31.7
0.0886
22.5
0.175
-144.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com