Electronic Components Datasheet Search
  English  ▼

X  

HSG1002 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # HSG1002
Description  SiGeHBT High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1002 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button HSG1002 Datasheet HTML 30Page - Renesas Technology Corp HSG1002 Datasheet HTML 31Page - Renesas Technology Corp HSG1002 Datasheet HTML 32Page - Renesas Technology Corp HSG1002 Datasheet HTML 33Page - Renesas Technology Corp HSG1002 Datasheet HTML 34Page - Renesas Technology Corp HSG1002 Datasheet HTML 35Page - Renesas Technology Corp HSG1002 Datasheet HTML 36Page - Renesas Technology Corp HSG1002 Datasheet HTML 37Page - Renesas Technology Corp HSG1002 Datasheet HTML 38Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
HSG1002
Rev.1.00, Apr.12.2004, page 37 of 37
Package Dimensions
MFPAK-4
EIAJ Package Code
JEDEC Code
Mass (g) (reference value)
Lead Material
0.0016
Cu Alloy
Symbol
Dimension in Millimeters
Min.
Nom.
Max.
0.5
—
0.55
0
—
0.01
0.5
—
0.54
0.15
0.22
0.3
0.1
0.13
0.15
—
0.11
—
1.35
1.4
1.45
0.7
0.8
0.9
—
0.45
—
1.15
1.2
1.25
0.1
0.2
0.3
0.15
—
0.45
—
—
0.05
—
—
0.35
—
0.75
—
—
—
0.5
A
A1
A2
b
c
c1
—
0.2
—
b1
D
E
HE
e
L
LP
x
b2
I
1
e1
A-A Section
HE
L
b
C
e
A
D
E
A1
A2
b1
c1
LP
b2
e1
I1
S
X
S A
M
A
A
c
b
Pattern of terminal position areas
e
A
y S
Ordering Information
Part Name
Quantity
Shipping Container
HSG1002VE-
10,000 pcs
φ178 mm Taping Reel
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com