Electronic Components Datasheet Search
  English  ▼

X  

HSG1002 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # HSG1002
Description  SiGeHBT High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1002 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button HSG1002 Datasheet HTML 21Page - Renesas Technology Corp HSG1002 Datasheet HTML 22Page - Renesas Technology Corp HSG1002 Datasheet HTML 23Page - Renesas Technology Corp HSG1002 Datasheet HTML 24Page - Renesas Technology Corp HSG1002 Datasheet HTML 25Page - Renesas Technology Corp HSG1002 Datasheet HTML 26Page - Renesas Technology Corp HSG1002 Datasheet HTML 27Page - Renesas Technology Corp HSG1002 Datasheet HTML 28Page - Renesas Technology Corp HSG1002 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
HSG1002
Rev.1.00, Apr.12.2004, page 25 of 37
S Parameter
(VCE = 2 V, IC = 30 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.674
-24.0
57.42
163.6
0.0107
49.1
0.869
-13.2
200
0.634
-47.8
53.46
149.4
0.0099
78.2
0.863
-27.1
300
0.592
-67.1
47.90
137.6
0.0137
59.5
0.763
-37.3
400
0.558
-83.9
42.40
128.3
0.0178
56.0
0.669
-45.4
500
0.528
-97.6
37.38
120.8
0.0181
54.4
0.591
-51.4
600
0.504
-109.2
33.08
114.8
0.0207
52.0
0.522
-56.1
700
0.488
-118.5
29.49
109.9
0.0228
50.5
0.466
-59.9
800
0.477
-126.6
26.51
105.7
0.0238
48.9
0.421
-63.2
900
0.468
-133.6
24.01
102.1
0.0247
49.4
0.381
-66.0
1000
0.463
-139.8
21.92
99.0
0.0261
50.1
0.349
-68.4
1100
0.459
-145.0
20.13
96.1
0.0283
50.7
0.320
-70.7
1200
0.456
-149.8
18.59
93.6
0.0287
50.3
0.297
-72.5
1300
0.453
-153.9
17.24
91.3
0.0293
50.8
0.274
-74.6
1400
0.453
-157.8
16.09
89.1
0.0323
51.2
0.256
-76.4
1500
0.453
-161.4
15.07
87.1
0.0329
50.6
0.239
-78.5
1600
0.454
-164.5
14.15
85.2
0.0349
52.8
0.224
-80.3
1700
0.455
-167.5
13.34
83.4
0.0357
51.7
0.211
-82.3
1800
0.456
-170.3
12.62
81.7
0.0376
52.7
0.199
-84.4
1900
0.458
-172.9
11.97
80.0
0.0381
52.7
0.188
-86.9
2000
0.461
-175.3
11.37
78.4
0.0397
53.2
0.179
-89.0
2200
0.465
-179.8
10.34
75.3
0.0426
52.2
0.162
-93.7
2400
0.471
176.2
9.48
72.4
0.0457
51.9
0.147
-98.7
2600
0.477
172.5
8.74
69.7
0.0482
51.3
0.136
-104.9
2800
0.482
169.0
8.11
67.0
0.0513
51.7
0.126
-110.5
3000
0.488
166.0
7.55
64.5
0.0545
50.5
0.119
-117.6
3200
0.495
163.0
7.07
61.9
0.0573
50.1
0.114
-124.3
3400
0.501
160.1
6.64
59.5
0.0600
49.8
0.111
-131.0
3600
0.505
157.4
6.25
57.1
0.0625
49.4
0.108
-137.8
3800
0.511
155.3
5.91
54.9
0.0659
48.9
0.107
-143.7
4000
0.517
153.0
5.61
52.6
0.0691
47.4
0.109
-149.8
4200
0.523
150.7
5.33
50.3
0.0726
46.2
0.112
-155.9
4400
0.529
148.5
5.09
48.1
0.0751
45.4
0.115
-161.5
4600
0.535
146.5
4.86
45.9
0.0784
44.2
0.117
-166.0
4800
0.540
144.4
4.65
43.7
0.0808
43.1
0.121
-170.6
5000
0.545
142.4
4.45
41.5
0.0839
42.2
0.124
-175.0
5200
0.550
140.4
4.28
39.3
0.0863
40.3
0.129
-179.5
5400
0.554
138.6
4.11
37.1
0.0896
39.8
0.134
176.9
5600
0.558
136.7
3.96
35.0
0.0922
39.0
0.138
173.4
5800
0.562
134.8
3.82
32.8
0.0953
37.0
0.143
169.7
6000
0.566
132.8
3.69
30.7
0.0977
35.9
0.146
166.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com