Electronic Components Datasheet Search
  English  ▼

X  

HSG1002 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # HSG1002
Description  SiGeHBT High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1002 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button HSG1002 Datasheet HTML 16Page - Renesas Technology Corp HSG1002 Datasheet HTML 17Page - Renesas Technology Corp HSG1002 Datasheet HTML 18Page - Renesas Technology Corp HSG1002 Datasheet HTML 19Page - Renesas Technology Corp HSG1002 Datasheet HTML 20Page - Renesas Technology Corp HSG1002 Datasheet HTML 21Page - Renesas Technology Corp HSG1002 Datasheet HTML 22Page - Renesas Technology Corp HSG1002 Datasheet HTML 23Page - Renesas Technology Corp HSG1002 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
HSG1002
Rev.1.00, Apr.12.2004, page 20 of 37
S Parameter
(VCE = 2 V, IC = 3 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.950
-6.1
9.18
174.7
0.0151
97.3
0.975
-4.2
200
0.949
-12.5
9.14
169.5
0.0138
90.5
0.991
-7.6
300
0.940
-18.2
9.05
164.7
0.0207
81.6
0.978
-11.2
400
0.930
-24.7
8.96
160.1
0.0268
76.8
0.963
-14.7
500
0.920
-30.8
8.86
155.7
0.0333
70.7
0.948
-18.3
600
0.908
-36.9
8.73
151.5
0.0391
67.3
0.929
-21.5
700
0.895
-42.5
8.50
147.3
0.0442
62.5
0.907
-24.8
800
0.879
-48.3
8.32
143.3
0.0493
59.7
0.883
-28.0
900
0.867
-54.4
8.26
139.9
0.0531
56.9
0.858
-30.8
1000
0.850
-59.9
8.05
135.7
0.0581
53.2
0.833
-33.6
1100
0.833
-65.3
7.85
132.0
0.0618
51.1
0.809
-36.3
1200
0.815
-71.0
7.71
128.0
0.0656
47.1
0.783
-38.8
1300
0.799
-76.1
7.47
124.6
0.0676
44.7
0.758
-41.3
1400
0.785
-81.1
7.25
121.4
0.0714
43.1
0.734
-43.6
1500
0.770
-86.3
7.07
118.1
0.0740
39.8
0.710
-45.9
1600
0.755
-91.3
6.89
114.9
0.0759
38.5
0.687
-47.9
1700
0.742
-96.0
6.69
111.8
0.0787
36.1
0.665
-50.0
1800
0.730
-100.5
6.48
108.9
0.0800
34.1
0.643
-52.0
1900
0.718
-105.0
6.30
106.1
0.0817
32.3
0.622
-53.9
2000
0.708
-109.6
6.11
103.4
0.0832
30.2
0.601
-55.7
2200
0.690
-117.6
5.75
98.2
0.0848
27.1
0.566
-59.3
2400
0.675
-125.5
5.43
93.2
0.0863
24.2
0.531
-62.5
2600
0.663
-132.8
5.12
88.7
0.0879
20.9
0.499
-65.9
2800
0.653
-139.6
4.84
84.3
0.0884
19.4
0.472
-68.8
3000
0.645
-146.1
4.58
80.1
0.0897
17.0
0.448
-71.7
3200
0.640
-152.0
4.33
76.2
0.0885
14.9
0.425
-74.8
3400
0.635
-157.6
4.11
72.4
0.0888
13.1
0.406
-77.7
3600
0.632
-162.9
3.90
68.8
0.0888
11.5
0.387
-80.5
3800
0.630
-167.5
3.72
65.5
0.0873
10.3
0.372
-83.5
4000
0.631
-172.0
3.55
62.1
0.0886
9.6
0.359
-86.6
4200
0.632
-176.4
3.39
58.8
0.0877
8.9
0.347
-89.5
4400
0.633
179.6
3.25
55.6
0.0880
8.0
0.337
-92.5
4600
0.634
175.8
3.11
52.6
0.0866
6.9
0.328
-95.6
4800
0.635
172.2
2.98
49.6
0.0866
6.6
0.319
-98.8
5000
0.638
168.7
2.87
46.6
0.0868
6.3
0.312
-101.7
5200
0.641
165.3
2.76
43.7
0.0863
5.8
0.305
-104.9
5400
0.643
162.2
2.66
40.9
0.0865
5.2
0.300
-108.1
5600
0.645
159.2
2.56
38.1
0.0866
5.0
0.294
-111.3
5800
0.647
156.2
2.47
35.3
0.0862
4.5
0.290
-114.4
6000
0.649
153.3
2.39
32.6
0.0859
4.5
0.286
-117.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com