Electronic Components Datasheet Search
  English  ▼

X  

GL9714 Datasheet(PDF) 35 Page - GENESYS LOGIC

Part # GL9714
Description  PCI ExpressTM PIPE x4 PHY
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9714 Datasheet(HTML) 35 Page - GENESYS LOGIC

Back Button GL9714 Datasheet HTML 31Page - GENESYS LOGIC GL9714 Datasheet HTML 32Page - GENESYS LOGIC GL9714 Datasheet HTML 33Page - GENESYS LOGIC GL9714 Datasheet HTML 34Page - GENESYS LOGIC GL9714 Datasheet HTML 35Page - GENESYS LOGIC GL9714 Datasheet HTML 36Page - GENESYS LOGIC GL9714 Datasheet HTML 37Page - GENESYS LOGIC GL9714 Datasheet HTML 38Page - GENESYS LOGIC GL9714 Datasheet HTML 39Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
GL9714 PCI Express
TM PIPE x4 PHY
©2004-2007 Genesys Logic Inc. - All rights reserved.
Page 35
CHAPTER 7
ELECTRICAL CHARACTERISTICS
7.1 DC Electrical Characteristics
Table 7.1 - DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VDD25
PHY Interface Voltage
2.375
2.5
2.625
V
VDD18
Core Voltage
1.71
1.8
1.89
V
VDD12
Reference Voltage for PHY Interface
1.1875
1.25
1.3125
V
VDDTXA
VDDTXB
VDDTXC
VDDTXD
Voltage for Transmitters
1.71
1.8
1.89
V
VDDRXA
VDDRXB
VDDRXC
VDDRXD
Voltage for Receivers
1.71
1.8
1.89
V
VDDPLL Voltage for PLL
1.71
1.8
1.89
V
7.2 Transmit and Receive Latency Time
Table 7.2 - Transmit and Receive Latency Time
Symbol
Parameter
Min
Typ
Max
Unit
TTX-LAT
Transmit Latency, time for data moving from
MAC interface (PCLK rising edge) to TX serial
lines (the first bit of 10-bit symbol)
25
-
30
ns
TRX-LAT
Receive Latency, time for data moving from RX
serial lines (the first bit of 10-bit symbol) to
MAC interface (PCLK rising edge)
48
-
54
ns
7.3 Transition Time of Power State
Table 7.3 – Transition Time of Power State
Symbol
Parameter
Min
Typ
Max
Unit
TP0S-P0
Time for PHY to return to P0, after having been
in P0s. Time is measured when PD[1:0] are set to
P0 until the PHY asserts PHYSTS
52
-
74
ns
TP1-P0
Time for PHY to return to P0, after having been
in P1. Time is measured when PD[1:0] are set to
P0 until the PHY asserts PHYSTS
52
-
74
ns
TP2-P1
Time for PHY to return to P0, after having been
in P2. Time is measured when PD[1:0] are set to
P0 until the PHY asserts PHYSTS
16
-
17
µs
TP0-P0S
Time for PHY to return to P0s, after having been
in P0. Time is measured when PD[1:0] are set to
P0 until the PHY asserts PHYSTS
52
-
74
ns
TP0-P1
Time for PHY to return to P1, after having been
52
-
74
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com