Electronic Components Datasheet Search
  English  ▼

X  

GL9714 Datasheet(PDF) 8 Page - GENESYS LOGIC

Part # GL9714
Description  PCI ExpressTM PIPE x4 PHY
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9714 Datasheet(HTML) 8 Page - GENESYS LOGIC

Back Button GL9714 Datasheet HTML 4Page - GENESYS LOGIC GL9714 Datasheet HTML 5Page - GENESYS LOGIC GL9714 Datasheet HTML 6Page - GENESYS LOGIC GL9714 Datasheet HTML 7Page - GENESYS LOGIC GL9714 Datasheet HTML 8Page - GENESYS LOGIC GL9714 Datasheet HTML 9Page - GENESYS LOGIC GL9714 Datasheet HTML 10Page - GENESYS LOGIC GL9714 Datasheet HTML 11Page - GENESYS LOGIC GL9714 Datasheet HTML 12Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
GL9714 PCI Express
TM PIPE x4 PHY
©2004-2007 Genesys Logic Inc. - All rights reserved.
Page 8
CHAPTER 1
GENERAL DESCRIPTION
The GL9714 is a 4-lane PCI Express PHY Layer Controller, which is compliant with PCI Express Base
Specification rev. 1.0a and Intel’s PHY Interface for the PCI Express Architecture rev. 1.0. It integrates a quad
SerDes and the Physical Coding Sublayer (PCS) which performs 8b/10b encoding and decoding, elastic buffer
and receiver detection, data serialization and deserialization for each lane. The quad SerDes in the GL9714
supports an effective serial interface speed (2.5 Gb/s) of data bandwidth for each lane, intended for use in
ultrahigh-speed bi-directional data transmission system. The GL9714 can also be externally configured for
various combinations of lane number and parallel bus width which is flexible and suitable for x1, x2 or x4 lane
implementation. It also supports four operational states for power management to minimize power consumption.
For production and self-test purposes, the GL9714 provides BIST and an internal loopback capability.
The primary application of this chip is to provide very high-speed I/O data channels for point-to-point baseband
data transmission over an on-chip termination resister of 50 Ohm +/- 10%.
This device can also be used to replace parallel data transmission architectures by providing a reduction in the
number of traces, connector pins, and transmit/receive pins. Parallel data loaded into the transmitter is delivered
to the receiver over a serial channel. It is then reconstructed into its original parallel format. The maximum data
transfer rate in each direction is 1 Giga byte per second with the 4-lane configuration. It also offers various
power saving modes to significantly reduce power consumption as well as scalability for a higher data rate in the
future.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com