Electronic Components Datasheet Search
  English  ▼

X  

GL9714 Datasheet(PDF) 16 Page - GENESYS LOGIC

Part # GL9714
Description  PCI ExpressTM PIPE x4 PHY
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9714 Datasheet(HTML) 16 Page - GENESYS LOGIC

Back Button GL9714 Datasheet HTML 12Page - GENESYS LOGIC GL9714 Datasheet HTML 13Page - GENESYS LOGIC GL9714 Datasheet HTML 14Page - GENESYS LOGIC GL9714 Datasheet HTML 15Page - GENESYS LOGIC GL9714 Datasheet HTML 16Page - GENESYS LOGIC GL9714 Datasheet HTML 17Page - GENESYS LOGIC GL9714 Datasheet HTML 18Page - GENESYS LOGIC GL9714 Datasheet HTML 19Page - GENESYS LOGIC GL9714 Datasheet HTML 20Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
GL9714 PCI Express
TM PIPE x4 PHY
©2004-2007 Genesys Logic Inc. - All rights reserved.
Page 16
RXDB[7:0]
RXDC[7:0]
RXDD[7:0]
P13, U16, P14, R15,
N14, T16, P15, R16
M2, N3, N1, M4,
R1, P3, P2, N4
C2, F4, E4, E3,
D3, F3, E2, G4
TXDKA~D
SSTL2_I
E15, K16, P7,
L3
I
K-code indication for the transmitted symbols
TXDA[7:0]
TXDB[7:0]
TXDC[7:0]
TXDD[7:0]
SSTL2_I
C17, C16, E14, D15,
D14, E16, C14, D13
N16, L15, N17, M15,
M16, K14, L16, L17
R4, T3, R5, U2,
P6, T4, R6, U4
H3, H2, J3, H1,
J4, J1, K3, K2
I
Parallel data input bus
TXDET/LPBK
LVCMOS2
R11
I
Receiver detection/Loopback
PD[1:0]
LVCMOS2
P10, T11
I
Sets the power states
00
P0, normal operation
01
P0s, low recovery time latency, power
saving state
10
P1, longer recovery time(64us max) latency,
lower power state
11
P2, lowest power state
RXPLRA~D
LVCMOS2
U15, U13, T9,
R8
I
Inverts the polarity on the RXP/RXN
Power and Ground Signals
Pin Name
Pin#
Type
Description
VDD25
D2, D16, F17, G2, K1, K15, P1,
R13, R17, T2, T5, U9, U17
P
2.5V Power Supplies for general I/O
VDD18
C4, C10, C12,
D7, H17, J17, L4,
M3, T6
P
1.8V Power Supplies for core and bias voltage
VDD12
J14, K4
P
1.25V Reference Voltage for high speed I/O
VSS
D4, D5, F1, G7, G8, G9, G10,
G11, H7, H8, H9, H10, H11, J2,
J7, J8, J9, J10, J11, J15, K7, K8,
K9, K10, K11, L1, L2, L7, L8,
L9, L10, L11, M1, M17, N2, P9,
P16, R7, T15, U1, U3, U14
P
Digital ground
VDDPLL
C8
P
1.8V Power Supplies for internal PLL
VSSPLL
D9
P
Ground for internal PLL
VDDRXA~D
VSSRXA~D
A17, A13, A9,
A5
B17, B13
, B9, B5
P
1.8V Power Supplies for receiver part
VDDTXA~D
VSSTXA~D
A15, A11, A7,
A3
B15, B11,
B7, C7, B3
P
1.8V Power Supplies for transceiver part
VSSGR
C15
P
Ground for the guard ring of the SerDes block
Serial Signals
Pin Name
Pin#
Type
Description
RXNA~D
A16, A12, A8, A4
I
Received serial input, complement
RXPA~D
B16, B12, B8,
B4
I
Received serial input, true
RTERM
D8
I
Connects an external 5.1KΩ resistor to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com