Electronic Components Datasheet Search
  English  ▼

X  

GL9714 Datasheet(PDF) 44 Page - GENESYS LOGIC

Part # GL9714
Description  PCI ExpressTM PIPE x4 PHY
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9714 Datasheet(HTML) 44 Page - GENESYS LOGIC

Back Button GL9714 Datasheet HTML 38Page - GENESYS LOGIC GL9714 Datasheet HTML 39Page - GENESYS LOGIC GL9714 Datasheet HTML 40Page - GENESYS LOGIC GL9714 Datasheet HTML 41Page - GENESYS LOGIC GL9714 Datasheet HTML 42Page - GENESYS LOGIC GL9714 Datasheet HTML 43Page - GENESYS LOGIC GL9714 Datasheet HTML 44Page - GENESYS LOGIC GL9714 Datasheet HTML 45Page - GENESYS LOGIC GL9714 Datasheet HTML 46Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
GL9714 PCI Express
TM PIPE x4 PHY
©2004-2007 Genesys Logic Inc. - All rights reserved.
Page 44
Table 8.5 – Input Setup, Hold Time and Output Timing for 10-bit DDR Mode
Symbol
Parameter
Min
Typ
Max
Unit
TCYCLE
PCLK cycle time
7.98
8
8.02
ns
Duty-H
Duty cycle for PCLK high
48
-
50
%
TIS
Input setup time
-
-
1.4
ns
TIH
Input hold time
0.5
-
-
ns
TCO
Clock to output delay
-
4.1
4.3
ns
TOH
Output hold time
3.5
3.7
-
ns
Note:
This table is based on design target, correlation data will be posted later.
8.2 Reference Timing Information
Table 8.6 – Reference Timing Information
Symbol
Parameter
Min
Typ
Max
Unit
TRECDET
Time for receiver detection
-
10
-
us
TPHYSTS-RESET
Timing from de-asserting RST_N to the falling
edge of PHYSTS
-
16.7
-
us
TRESET
Reset Assertion Time to GL9714
10
-
-
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com