Electronic Components Datasheet Search
  English  ▼

X  

GL9714 Datasheet(PDF) 9 Page - GENESYS LOGIC

Part # GL9714
Description  PCI ExpressTM PIPE x4 PHY
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9714 Datasheet(HTML) 9 Page - GENESYS LOGIC

Back Button GL9714 Datasheet HTML 5Page - GENESYS LOGIC GL9714 Datasheet HTML 6Page - GENESYS LOGIC GL9714 Datasheet HTML 7Page - GENESYS LOGIC GL9714 Datasheet HTML 8Page - GENESYS LOGIC GL9714 Datasheet HTML 9Page - GENESYS LOGIC GL9714 Datasheet HTML 10Page - GENESYS LOGIC GL9714 Datasheet HTML 11Page - GENESYS LOGIC GL9714 Datasheet HTML 12Page - GENESYS LOGIC GL9714 Datasheet HTML 13Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
GL9714 PCI Express
TM PIPE x4 PHY
©2004-2007 Genesys Logic Inc. - All rights reserved.
Page 9
CHAPTER 2
FEATURES
Complies with PCI Express Base Specification rev. 1.1
Complies with Intel’s PHY Interface for PCI Express Architecture rev. 1.0
Integrates quad 2.5 gigabit per second (Gbps) Serializer/Deserializer
Supports 8-bit or 10-bit parallel interface @250MHz for x1, x2 and x4 implementation
Supports 16-bit parallel interface @125MHz for x1 and x2 configuration
Supports DDR configuration for 8-bit or 10-bit mode
Beacon transmission and reception
Receiver detection
Transmission and detection of electrical idle
Clock tolerance for 600 ppm in frequencies between bit rates at the two end of a Link
On-chip 8-bit/10-bit encoding/decoding and comma alignment
On-chip PLL provides clock synthesis
1.8-V power supply for core
2.5-V power supply for IO
Above 2.0 kV ESD protection
0.18 µm process
Available in LFBGA-233 package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com