Electronic Components Datasheet Search
  English  ▼

X  

GL9714 Datasheet(PDF) 3 Page - GENESYS LOGIC

Part # GL9714
Description  PCI ExpressTM PIPE x4 PHY
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9714 Datasheet(HTML) 3 Page - GENESYS LOGIC

  GL9714 Datasheet HTML 1Page - GENESYS LOGIC GL9714 Datasheet HTML 2Page - GENESYS LOGIC GL9714 Datasheet HTML 3Page - GENESYS LOGIC GL9714 Datasheet HTML 4Page - GENESYS LOGIC GL9714 Datasheet HTML 5Page - GENESYS LOGIC GL9714 Datasheet HTML 6Page - GENESYS LOGIC GL9714 Datasheet HTML 7Page - GENESYS LOGIC GL9714 Datasheet HTML 8Page - GENESYS LOGIC GL9714 Datasheet HTML 9Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
GL9714 PCI Express
TM PIPE x4 PHY
©2004-2007 Genesys Logic Inc. - All rights reserved.
Page 3
Revision History
Revision
Date
Description
1.00
09/27/2004
First formal release
1.10
04/04/2005
Update for mass production version
1.11
04/12/2005
Revise register description(SW, DEM), p.19
1.12
04/20/2005
1. Add operating current for DC electrical characteristics in Table7.1
2. Correct Power Consumption
1.13
09/20/2005
Modify Package Dimension ,Ch9 , p.39
1.14
10/13/2005
1. Add “Bottom View”, Ch3.1, p.10
2. Change Pin E15 from “TXDK1” to “TXDKA”, Table3.1, p.11
3. Change TXDKA~D type from “O” to “I”, Table3.4, p.15
4. Add a column “I/O Standard”, Table3.4, p.15
5. Change VDDPLL from “C18” to “C8”, Table3.4, p.16
6. Add comment for SCC and OPMODE[1:0], Table3.4 , p.17
1.16
11/15/2005
1. Update Table3.4, p.15~p.17
2. Add Table3.5, p.17
3. Modify the default value of REG0 and REG1 in Table4.1, p.18
4. Modify Ch4.2 Registers Descriptions for REG0 and REG1, p.19
5. Add Ch 4.3, p.21~p.24
6. Update Table 7.5 and Table 7.6 for power consumption, p.36~p.37
7. Change TXDx to RXDx, Figure8.4, p.41
8. The minimum and maximum value of TCYCLE, Table8.2 and Table 8.5, p.42
1.17
12/15/2005
1. Update Table 7.9 for temperature ranges (p.39)
2. Update Table 8.1~8.4 for output delay of RX bus (p.41~p.42)
1.18
03/15/2006
1. Modify the description of OSC25MI and OSC25MO signals, Table 3.4, p.17
2. Update Table 7.1 for deleting IDD1-X4, IDD2-X4, IDD3-X4, IDD1-X2, IDD2-X2, and
IDD3-X2 six items, p.34
3. Update Table 7.9 for deleting the ISUPPLY-1.8 item and adding θJA, ΨJT and θJC
three items, p.39
1.19
03/28/2006
Swap the Pin Out of OSC25MI and OSC25MO in Table 3.1~Table 3.4.
1.20
03/30/2006
Update Table 7.9 for the illustration and the value of thermal parameters, p.39
1.21
04/26/2006
Divide Table 7.9 into Table 7.9(Temperature Range) and Table 7.10(Thermal
Characteristics), p.39
1.22
05/08/2006
Update Fig. 8.1, 8.2 and Table 8.1~8.5 for PIPE input and output timing
characteristic, p.40~p.42
1.23
06/09/2006
Update Table 8.1~8.5 for the description of TCO and TOH, p.41~p.42
1.24
06/20/2006
1.Update Table 3.5 for the parameter of buffer I/O, p.17
2.Remove Table 7.2, p.34
1.25
07/31/2006
1.Remove REN and PLPBK bits of SMBus register REGC, p.20
2.Add REG14 ~ REG17 for SLPBK error count result, p.21
3.Add “PS: Please write “0” to…….” description, p.21
1.26
10/27/2006
Add Duty-H field for Table 8.3 and Table 8.5, p.43
1.30
02/06/2007
Update Table 8.1~8.5 for timing issue, p.42~44
1.31
03/19/2007
1. Add a note to Table 8.1, p.42
2. Update Table 7.4, 7.5 for the power consumption of reference voltage 1.25V,
p37~p38, correct the index of table7.2, 7.3, p35
1.32
04/16/2007
Complies with PCI Express Base Specification rev. 1.1, p9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com