Electronic Components Datasheet Search
  English  ▼

X  

GL9714 Datasheet(PDF) 18 Page - GENESYS LOGIC

Part # GL9714
Description  PCI ExpressTM PIPE x4 PHY
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9714 Datasheet(HTML) 18 Page - GENESYS LOGIC

Back Button GL9714 Datasheet HTML 14Page - GENESYS LOGIC GL9714 Datasheet HTML 15Page - GENESYS LOGIC GL9714 Datasheet HTML 16Page - GENESYS LOGIC GL9714 Datasheet HTML 17Page - GENESYS LOGIC GL9714 Datasheet HTML 18Page - GENESYS LOGIC GL9714 Datasheet HTML 19Page - GENESYS LOGIC GL9714 Datasheet HTML 20Page - GENESYS LOGIC GL9714 Datasheet HTML 21Page - GENESYS LOGIC GL9714 Datasheet HTML 22Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
GL9714 PCI Express
TM PIPE x4 PHY
©2004-2007 Genesys Logic Inc. - All rights reserved.
Page 18
CHAPTER 4
REGISTERS
There are some registers built-in the GL9714 for test purpose. These registers can be accessed through a serial
bus interface using pin TESTC and TESTD. Registers at Offset 05h ~ 0Bh are for internal test only. Please be
careful to leave them as default values.
4.1 Registers Base Address
Table 4.1 - Base Address for Registers
Mnemonic
Offset
Description
Default
REVID
00h
Revision ID and Auto-calibration Result Register
8’bxxxx0xxx
XCVROPT
01h
Transceiver Option Register
8’hE9
LPBKTEST
02h
BIST and Beacon/Test Data Pattern Register, Part 1
8’h00
BCNPAT2
03h
Beacon/Test Data Pattern Register, Part 2
8’h03
BCNPAT3
04h
Beacon/Test Data Pattern Register, Part 3
8’hFF
-
05h
For internal test only
-
-
06h
For internal test only
-
-
07h
For internal test only
-
-
08h
For internal test only
-
-
09h
For internal test only
-
-
0Ah
For internal test only
-
-
0Bh
For internal test only
-
BT
0Ch
Buffer Test Register
8’h00
SLCDT
0Dh
Serial Loopback and Comma Detect Test Register
8’h00
Notation:
R/W
Read / Write
R/O
Read Only
W/O
Write Only
R/W1C
Read / Write “1” to Clear
R/W/C
Read / Write and hardware automatic Clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com