Electronic Components Datasheet Search
  English  ▼

X  

GL9714 Datasheet(PDF) 24 Page - GENESYS LOGIC

Part # GL9714
Description  PCI ExpressTM PIPE x4 PHY
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9714 Datasheet(HTML) 24 Page - GENESYS LOGIC

Back Button GL9714 Datasheet HTML 20Page - GENESYS LOGIC GL9714 Datasheet HTML 21Page - GENESYS LOGIC GL9714 Datasheet HTML 22Page - GENESYS LOGIC GL9714 Datasheet HTML 23Page - GENESYS LOGIC GL9714 Datasheet HTML 24Page - GENESYS LOGIC GL9714 Datasheet HTML 25Page - GENESYS LOGIC GL9714 Datasheet HTML 26Page - GENESYS LOGIC GL9714 Datasheet HTML 27Page - GENESYS LOGIC GL9714 Datasheet HTML 28Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
GL9714 PCI Express
TM PIPE x4 PHY
©2004-2007 Genesys Logic Inc. - All rights reserved.
Page 24
Below is a key to the protocol diagrams.
S
Start Condition
Sr
Repeated Start Condition
Rd
Read (bit value of 1)
Wr
Write (bit value of 0)
x
Shown under a field indicates that that
`
field is required to have the value of ‘x’
A
Acknowledge (this bit position may be
‘0’ for an ACK or ‘1’ for a NACK)
P
Stop Condition
Master-to-GL9714
GL9714-to-Master
Figure 4.5 – SMBus Packet Protocol Diagram Element Key
The first byte of a Write Byte access is the command code. The next one byte is the data to be written. In this
example the master asserts GL9714’s address followed by the write bit. GL9714 acknowledges and the master
delivers the command code. GL9714 again acknowledges before the master sends the data byte. GL9714
acknowledges the data byte, and the entire transaction is finished with a STOP condition.
Figure 4.6 – Write Byte Protocol
Reading data is slightly more complicated than writing data. First the host must write a command to GL9714.
Then it must follow that command with a repeated START condition to denote a read from GL9714’s address.
GL9714 then returns one byte of data.
Note that there is no STOP condition before the repeated START condition, and that a NACK signified the end
of the read transfer.
Figure 4.7 – Read Byte Protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com