Electronic Components Datasheet Search
  English  ▼

X  

GL9714 Datasheet(PDF) 22 Page - GENESYS LOGIC

Part # GL9714
Description  PCI ExpressTM PIPE x4 PHY
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9714 Datasheet(HTML) 22 Page - GENESYS LOGIC

Back Button GL9714 Datasheet HTML 18Page - GENESYS LOGIC GL9714 Datasheet HTML 19Page - GENESYS LOGIC GL9714 Datasheet HTML 20Page - GENESYS LOGIC GL9714 Datasheet HTML 21Page - GENESYS LOGIC GL9714 Datasheet HTML 22Page - GENESYS LOGIC GL9714 Datasheet HTML 23Page - GENESYS LOGIC GL9714 Datasheet HTML 24Page - GENESYS LOGIC GL9714 Datasheet HTML 25Page - GENESYS LOGIC GL9714 Datasheet HTML 26Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
GL9714 PCI Express
TM PIPE x4 PHY
©2004-2007 Genesys Logic Inc. - All rights reserved.
Page 22
4.3 SMBus Protocol
GL9714 registers are programmed by System Management Bus (SMBus). Fig. 4.1 shows the SMBus
topology. The VDD power is 2.5V +/- 10% and the pull up resistor is 1K . Both SMBCLK and SMBDAT
lines are bi-directional, connected to 2.5V supply voltage through a pull-up resistor. The operating frequency
is 10~100KHz and the SMBus address of GL9714 is 7’h2C.
Figure 4.1 – SMBus Topology of GL9714
SMBus uses fixed voltage levels to define the logic “ZERO” and logic “ONE” on the bus respectively. The data
on SMBDAT must be stable during the “HIGH” period of the clock. Data can change state only when SMBCLK
is low. Fig. 4.2 illustrates the relationships.
Figure 4.2 – Data Validity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com