Electronic Components Datasheet Search
  English  ▼

X  

GL9714 Datasheet(PDF) 29 Page - GENESYS LOGIC

Part # GL9714
Description  PCI ExpressTM PIPE x4 PHY
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9714 Datasheet(HTML) 29 Page - GENESYS LOGIC

Back Button GL9714 Datasheet HTML 25Page - GENESYS LOGIC GL9714 Datasheet HTML 26Page - GENESYS LOGIC GL9714 Datasheet HTML 27Page - GENESYS LOGIC GL9714 Datasheet HTML 28Page - GENESYS LOGIC GL9714 Datasheet HTML 29Page - GENESYS LOGIC GL9714 Datasheet HTML 30Page - GENESYS LOGIC GL9714 Datasheet HTML 31Page - GENESYS LOGIC GL9714 Datasheet HTML 32Page - GENESYS LOGIC GL9714 Datasheet HTML 33Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
GL9714 PCI Express
TM PIPE x4 PHY
©2004-2007 Genesys Logic Inc. - All rights reserved.
Page 29
CHAPTER 6
FUNCTION DESCRIPTION
6.1 Clock and Reset
The clock source of the GL9714 comes externally from either the 100 MHz differential clock pair or the 25MHz
crystal, which is selectable by pin SCC. The GL9714 uses the clock source with its PLL to generate the 2.5 GHz
bit rate for transmitting and receiving.
The GL9714 also drives a clock output for the synchronization of MAC interface. Since the MAC interface can
be configured to 8-bit and 16-bit mode, the clock, PCLK, runs at 250 MHz for 8-bit mode and 125 MHz for
16-bit mode. The MAC should use the rising edge of the clock to send and receive parallel data.
To initialize the GL9714, the MAC should assert the reset of the GL9714 to low. While the reset is asserted, the
MAC should also make TXDET/LPBK deasserted, TXIDLEx asserted, TXCMPx deasserted, RXPLRx
deasserted and PD[1:0] = P1. When the GL9714 senses it reset asserted, it will drive its PHYSTS high
immediately. After the reset deasserted, the GL9714 requires typically 16.7us for internal PLL stable and then
transitions its PHYSTS to low. When MAC deasserts the reset, it should monitor the state of PHYSTS to make
sure the GL9714 is ready for normal operation.
6.2 Receiver Detection
The receiver detection can only be performed while the GL9714 is in P1 state. To instruct the GL9714 to enter a
receiver detection sequence, the MAC asserts TXDET/LPBK and hold it asserted until the GL9714 asserts
PHYSTS for response. While finishing the receiver detection, the GL9714 will assert PHYSTS and present a
appropriate value to RXSTSx[2:0] to signal a detection completion. When the MAC detects PHYSTS asserted, it
knows the detection result from RXSTSx[2:0] and can deassert TXDET/LPBK.
6.3 Beacon Transmitting and Detection
Beacon transmitting is required for the GL9714 in P2 state to wake up the receiver in the other side of the link.
When the GL9714 is in P2 state, the MAC can deassert TXIDLEx to instruct the GL9714 to repeatedly transmit
a beacon.
For the beacon receiving side, if the GL9714 receives a beacon, it will transition RXIDLEx to low to indicate an
exit from electrical idle. When the GL9714 is in P2 state and MAC senses the RXIDLEx transitioned from high
to low, it knows a beacon has been detected.
6.4 Receiver Status Report
Add and Remove a SKP
The GL9714 implements an elastic buffer to compensate the clock rate difference between the recovery clock
and its transmit clock. While receiving a SKP ordered-set, compliant to PCI Express Base specification
REV. 1.0a, the GL9714 can insert or remove one SKP symbol in the SKP ordered-set to avoid the buffer
overrun or underrun. Whenever adding or removing a SKP symbol, the GL9714 will signal PHYSTS and
corresponding RXSTS[2:0] to MAC.
SKP Ordered-Set Received
RXSTS Code
Add a SKP
001b
Remove a SKP
010b
Receiver Detected
Detected Result
RXSTS code
Receiver not present
000b
Receiver present
011b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com