Electronic Components Datasheet Search
  English  ▼

X  

GL9714 Datasheet(PDF) 19 Page - GENESYS LOGIC

Part # GL9714
Description  PCI ExpressTM PIPE x4 PHY
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9714 Datasheet(HTML) 19 Page - GENESYS LOGIC

Back Button GL9714 Datasheet HTML 15Page - GENESYS LOGIC GL9714 Datasheet HTML 16Page - GENESYS LOGIC GL9714 Datasheet HTML 17Page - GENESYS LOGIC GL9714 Datasheet HTML 18Page - GENESYS LOGIC GL9714 Datasheet HTML 19Page - GENESYS LOGIC GL9714 Datasheet HTML 20Page - GENESYS LOGIC GL9714 Datasheet HTML 21Page - GENESYS LOGIC GL9714 Datasheet HTML 22Page - GENESYS LOGIC GL9714 Datasheet HTML 23Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
GL9714 PCI Express
TM PIPE x4 PHY
©2004-2007 Genesys Logic Inc. - All rights reserved.
Page 19
4.2 Registers Descriptions
Offset 00h – REVID …………………………………………….………… Default value = 8’bxxxx0xxx
REV3
REV2
REV1
REV0
BY1
RCAL0
RCAL1
RCAL2
R
R
R
R
R
R
R
R
7-4 REV[3:0]
Chip revision code
3 BY1
x1 package
2-0 RCAL[0:2]
Calibration result of on-chip termination resistors
Offset 01h – XCVROPT ……………………………………………..…………. Default value = 8’hE9
SW1
SW0
DEM1
DEM0
BW0
BW1
RDEF
FEVAL
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-6 SW[1:0]
Swing control of transmitter output
Output Swing (Differential, peak-to-peak)
00 0.6V
01 0.8V
10 1.0V
11 1.2V
5-4 DEM[1:0]
De-emphasis control of transmitter output
Amount of De-emphasis
00 No de-emphasis
01 -1.6dB
10 -3.5dB
11 -6.0dB
3-2 BW[0:1]
Bandwidth control of clock recovery circuit
Relative Bandwidth
00
1
01
2
10
4
11
Reserved
1 RDEF
Disable calibration of on-chip termination resistors and leave the resistors to
their default value
0 FEVAL
Force calibration of on-chip termination resistors
When RDEF=0, writing a one to
this bit will make the resistors re-calibrated. This
bit is auto-cleared and always read as zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com