Electronic Components Datasheet Search
  English  ▼

X  

GL9714 Datasheet(PDF) 32 Page - GENESYS LOGIC

Part # GL9714
Description  PCI ExpressTM PIPE x4 PHY
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9714 Datasheet(HTML) 32 Page - GENESYS LOGIC

Back Button GL9714 Datasheet HTML 28Page - GENESYS LOGIC GL9714 Datasheet HTML 29Page - GENESYS LOGIC GL9714 Datasheet HTML 30Page - GENESYS LOGIC GL9714 Datasheet HTML 31Page - GENESYS LOGIC GL9714 Datasheet HTML 32Page - GENESYS LOGIC GL9714 Datasheet HTML 33Page - GENESYS LOGIC GL9714 Datasheet HTML 34Page - GENESYS LOGIC GL9714 Datasheet HTML 35Page - GENESYS LOGIC GL9714 Datasheet HTML 36Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
GL9714 PCI Express
TM PIPE x4 PHY
©2004-2007 Genesys Logic Inc. - All rights reserved.
Page 32
6.10 Operation Mode and Multi-Functional Pins
There are four modes for GL9714 operation which is selected by pin OPMODE[1:0].
Mode
[1]
[0]
Description
1
0
0
4 lanes, 8 bit mode
2
0
1
2 lanes, 16 bit mode
3
1
0
4 lanes, 10 bit mode
4
1
1
For scan test only
Mode 1: The GL9714 is configured into an x4 lane, 8-bit parallel bus and acts as a 4-lane PCI Express PHY.
The parallel bus is synchronous with PCLK at 250 MHz. By transitioning both TXCMPx and
TXIDLEx to high for individual lane, the GL9714 in this mode is able to behave as an x1 or x2 PHY.
Mode 2: The GL9714 acts as a 2-lane PHY with a 16-bit parallel interface at 125 MHz. In this mode, only
lane B and lane C are activated. Again, by disabling either lane using TXCMPx and TXIDLEx,
the GL9714 can be configured into an x1 PHY with16-bit parallel bus.
Mode 3: The GL9714 is configured as a quad SerDes with 10-bit parallel bus.
Mode 4: For scan test only
Table 6.1 - Pin Functions
Pin Number
Mode 1
Mode 2
Mode 3
T14
PCLK(O)
PCLK(O)
TBC(O)
C17
TXDA7(I)
TXDB15(I)
TDA7(I)
C16
TXDA6(I)
TXDB14(I)
TDA6(I)
E14
TXDA5(I)
TXDB13(I)
TDA5(I)
D15
TXDA4(I)
TXDB12(I)
TDA4(I)
D14
TXDA3(I)
TXDB11(I)
TDA3(I)
E16
TXDA2(I)
TXDB10(I)
TDA2(I)
C14
TXDA1(I)
TXDB9(I)
TDA1(I)
D13
TXDA0(I)
TXDB8(I)
TDA0(I)
N16
TXDB7(I)
TXDB7(I)
TDB7(I)
L15
TXDB6(I)
TXDB6(I)
TDB6(I)
N17
TXDB5(I)
TXDB5(I)
TDB5(I)
M15
TXDB4(I)
TXDB4(I)
TDB4(I)
M16
TXDB3(I)
TXDB3(I)
TDB3(I)
K14
TXDB2(I)
TXDB2(I)
TDB2(I)
L16
TXDB1(I)
TXDB1(I)
TDB1(I)
L17
TXDB0(I)
TXDB0(I)
TDB0(I)
R4
TXDC7(I)
TXDC15(I)
TDC7(I)
T3
TXDC6(I)
TXDC14(I)
TDC6(I)
R5
TXDC5(I)
TXDC13(I)
TDC5(I)
U2
TXDC4(I)
TXDC12(I)
TDC4(I)
P6
TXDC3(I)
TXDC11(I)
TDC3(I)
T4
TXDC2(I)
TXDC10(I)
TDC2(I)
R6
TXDC1(I)
TXDC9(I)
TDC1(I)
U4
TXDC0(I)
TXDC8(I)
TDC0(I)
H3
TXDD7(I)
TXDC7(I)
TDD7(I)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com