Electronic Components Datasheet Search
  English  ▼

X  

GL9714 Datasheet(PDF) 10 Page - GENESYS LOGIC

Part # GL9714
Description  PCI ExpressTM PIPE x4 PHY
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9714 Datasheet(HTML) 10 Page - GENESYS LOGIC

Back Button GL9714 Datasheet HTML 6Page - GENESYS LOGIC GL9714 Datasheet HTML 7Page - GENESYS LOGIC GL9714 Datasheet HTML 8Page - GENESYS LOGIC GL9714 Datasheet HTML 9Page - GENESYS LOGIC GL9714 Datasheet HTML 10Page - GENESYS LOGIC GL9714 Datasheet HTML 11Page - GENESYS LOGIC GL9714 Datasheet HTML 12Page - GENESYS LOGIC GL9714 Datasheet HTML 13Page - GENESYS LOGIC GL9714 Datasheet HTML 14Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
GL9714 PCI Express
TM PIPE x4 PHY
©2004-2007 Genesys Logic Inc. - All rights reserved.
Page 10
CHAPTER 3
PIN ASSIGNMENT
3.1 Pinout
A
B
C
D
E
F
G
H
J
K
L
N
P
R
M
T
U
17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
Bottom View
Figure 3.1 - 233 Pin LFBGA Pinout Diagram
3.2 Ball Out
Table 3.1 - Ball Out
1
2
3
4
5
6
7
8
9
A REFCLKP
TXND
VDDTXD
RXND
VDDRXD
TXNC
VDDTXC
RXNC
VDDRXC
B REFCLKN
TXPD
VSSTXD
RXPD
VSSRXD
TXPC
VSSTXC
RXPC
VSSRXC
C OSC25MO RXDD7
NC
VDD18
NC
NC
VSSTXC VDDPLL
NC
D OSC25MI
VDD25
RXDD3
VSS
VSS
NC
VDD18
RTERM
VSSPLL
E
RXDKD
RXDD1
RXDD4
RXDD5
F
VSS
RXSTSD1
RXDD2
RXDD6
G TXCMPD
VDD25 RXSTSD2 RXDD0
VSS
VSS
VSS
H
TXDD4
TXDD6
TXDD7
RXSTSD0
VSS
VSS
VSS
J
TXDD2
VSS
TXDD5
TXDD3
VSS
VSS
VSS
K
VDD25
TXDD0
TXDD1
VDD12
VSS
VSS
VSS
L
VSS
VSS
TXDKD
VDD18
VSS
VSS
VSS
M
VSS
RXDC7
VDD18
RXDC4
N
RXDC5
VSS
RXDC6
RXDC0
P
VDD25
RXDC1
RXDC2
RXSTSC2
RXSTSC0
TXDC3
TXDKC RXIDLED
VSS
R
RXDC3 RXSTSC1 TXCMPC TXDC7
TXDC5
TXDC1
VSS
RXPLRD OPMODE0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com