Electronic Components Datasheet Search
  English  ▼

X  

IMX91CEC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # IMX91CEC
Description  i.MX 91 Application Processors Data Sheet for Commercial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX91CEC Datasheet(HTML) 2 Page - NXP Semiconductors

  IMX91CEC Datasheet HTML 1Page - NXP Semiconductors IMX91CEC Datasheet HTML 2Page - NXP Semiconductors IMX91CEC Datasheet HTML 3Page - NXP Semiconductors IMX91CEC Datasheet HTML 4Page - NXP Semiconductors IMX91CEC Datasheet HTML 5Page - NXP Semiconductors IMX91CEC Datasheet HTML 6Page - NXP Semiconductors IMX91CEC Datasheet HTML 7Page - NXP Semiconductors IMX91CEC Datasheet HTML 8Page - NXP Semiconductors IMX91CEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 100 page
background image
1 i.MX 91 introduction
NXP’s New Secure, Energy-Efficient i.MX 91 Family Expands Linux® Capabilities for Thousands of Edge Applications.
The i.MX 91 applications processor features an Arm® Cortex®-A55 running at up to 1.4 GHz and support for modern LPDDR4
memory to enable platform longevity and reliability; dual Gigabit Ethernet for gateway or multi-network segment support; dual USB
ports; and the essential I/O for products in smart factory, smart home, smart office, medical device, metering, and cost-optimized
system-on-module platforms.
The i.MX 91 may be used in applications such as:
• EV Charging
• Matter-enabled IoT Platforms
• Smart Home, Office, and City
• Building Automation and Monitoring
• Industrial Monitoring and HMI
• Portable or small form-factor Medical and Healthcare devices
• Audio and Entertainment IoT
Table 1. Features
Subsystem
Features
Cortex®-A55 platform
One Cortex®-A55 processor operating at up to 1.4 GHz
• 32 KB L1 Instruction Cache
• 32 KB L1 Data Cache
• 256 KB L2 cache
• Media Processing Engine (MPE) with Arm® Neon™ technology supporting the
Advanced Single Instruction Multiple Data architecture
• Floating Point Unit (FPU) with support of the Arm® VFPv4-D16 architecture
Supports of 64-bit Arm® v8.2-A architecture
Parity/ECC protection on L1 cache, L2 cache, and TLB RAMs
Image Sensor Interface (ISI)
• Standard pixel formats commonly used in many camera input protocols
• Programmable resolutions up to 2K
• Image processing for:
— Supports one source of up to 2K horizontal resolution
— Supports pixel rate up to 200 Mpixel/s
• Image down scaling via decimation and bi-phase filtering
• Color space conversion
• Interlaced to progressive conversions
On-chip memory
Boot ROM (256 KB) for Cortex®-A55
On-chip RAM (384 KB)
Table continues on the next page...
NXP Semiconductors
IMX91CEC
i.MX 91 Application Processors Data Sheet for Commercial Products
IMX91CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 12 November 2024
Preliminary - Subject to Change Without Notice
2 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com