Electronic Components Datasheet Search
  English  ▼

X  

IMX91CEC Datasheet(PDF) 49 Page - NXP Semiconductors

Part # IMX91CEC
Description  i.MX 91 Application Processors Data Sheet for Commercial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX91CEC Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button IMX91CEC Datasheet HTML 45Page - NXP Semiconductors IMX91CEC Datasheet HTML 46Page - NXP Semiconductors IMX91CEC Datasheet HTML 47Page - NXP Semiconductors IMX91CEC Datasheet HTML 48Page - NXP Semiconductors IMX91CEC Datasheet HTML 49Page - NXP Semiconductors IMX91CEC Datasheet HTML 50Page - NXP Semiconductors IMX91CEC Datasheet HTML 51Page - NXP Semiconductors IMX91CEC Datasheet HTML 52Page - NXP Semiconductors IMX91CEC Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
RMII_REF_CLK
ENET_TX_EN
M16
M17
M18
M19
M20 M21
ENET_RD[1:0]
ENET_TD[1:0]
ENET_RX_ER
ENET_CRS_DV
Figure 30. RMII mode signal timing diagram
Table 51. RMII signal timing1,2,3
ID
Characteristic
Min.
Max.
Unit
M16
RMII_REF_CLK pulse width high
35%
65%
RMII_REF_CLK
period
M17
RMII_REF_CLK pulse width low
35%
65%
RMII_REF_CLK
period
M18
RMII_REF_CLK to ENET0_TXD[1:0], ENET_TX_EN invalid
2
—
ns
M19
RMII_REF_CLK to ENET0_TXD[1:0], ENET_TX_EN valid
—
14
ns
M20
ENET_RX_DATA[1:0], ENET_CRS_DV, ENET_RX_ER to
RMII_REF_CLK setup
4
—
ns
M21
RMII_REF_CLK to ENET_RX_DATA[1:0], ENET_CRS_DV,
ENET_RX_ER hold
2
—
ns
1. The timings assume the following configuration: DSE[5:0] = 001111 and FSEL1[1:0] = 11.
2. Input timing assumes an input signal slew rate of 3 ns (20%/80%).
3. Output timing valid for maximum external load CL = 25 pF, which is assumed to be a 10 pF load at the end of a 50 ohm,
unterminated, 5-inch microstrip trace on standard FR4 (3.3 pF/inch), (25 pF total with margin). For best signal integrity, the
series resistance in the transmission line should be equal to the selected RDSON of the I/O pad output driver.
4.12.3.3 MII serial management channel timing (ENET_MDIO and ENET_MDC)
The MDC frequency is designed to be equal to or less than 2.5 MHz to be compatible with the IEEE 802.3 MII specification.
Figure 31 shows MII asynchronous input timings. Table 52 describes the timing parameters (M10–M15) shown in the figure.
NXP Semiconductors
IMX91CEC
i.MX 91 Application Processors Data Sheet for Commercial Products
IMX91CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 12 November 2024
Preliminary - Subject to Change Without Notice
49 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com