Electronic Components Datasheet Search
  English  ▼

X  

IMX91CEC Datasheet(PDF) 56 Page - NXP Semiconductors

Part # IMX91CEC
Description  i.MX 91 Application Processors Data Sheet for Commercial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX91CEC Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button IMX91CEC Datasheet HTML 52Page - NXP Semiconductors IMX91CEC Datasheet HTML 53Page - NXP Semiconductors IMX91CEC Datasheet HTML 54Page - NXP Semiconductors IMX91CEC Datasheet HTML 55Page - NXP Semiconductors IMX91CEC Datasheet HTML 56Page - NXP Semiconductors IMX91CEC Datasheet HTML 57Page - NXP Semiconductors IMX91CEC Datasheet HTML 58Page - NXP Semiconductors IMX91CEC Datasheet HTML 59Page - NXP Semiconductors IMX91CEC Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 100 page
background image
Table 57. I3C Push-Pull Timing Parameters for SDR Mode
Symbol
Description
Min
Typ
Max
Unit
Condition
fSCL
SCL Clock Frequency
0.01
12.5
12.9
MHz
fSCL = 1 / (tDIG_L + tDIG_
H)
tDIG_L
SCL Clock Low Period 1,2
32
—
—
ns
—
tDIG_H
SCL Clock High Period 2
32
—
—
ns
—
tSCO
Clock in to Data Out for
Target 3,4
—
—
12
ns
—
tCR
SCL Clock Rise Time 5
—
—
150e06 *
1 / fSCL
(capped
at 60)
ns
—
tCF
SCL Clock Fall Time 5
—
—
150e06 *
1 / fSCL
(capped
at 60)
ns
—
tHD_PP
SDA Signal Data Hold in Push-
Pull Mode, Target 6,7
0
—
—
—
Applicable for target
and controller loopback
modes
tSU_PP
SDA Signal Data Setup in Push-
Pull Mode
3
—
N/A
ns
Applicable for target
and controller loopback
modes
1. As both edges are used, the hold time needs to be satisfied for the respective edges; i.e., tCF + 3 for falling edge clocks,
and tCR + 3 for rising edge clocks.
2. tDIG_L and tDIG_H are the clock Low and High periods as seen at the receiver end of the I3C Bus using VIL and VIH (see
Figure 30)
3. Pad delay based on 90 Ω / 4 mA driver and 50 pF load. Note that Controller may be a Target in a multi-Controller system,
and thus shall also adhere to this requirement
4. Devices with more than 12ns of tSCO delay shall set the limitation bit in the BCR, and shall support the GETMXDS CCC
to allow the Controller to read this value and adjust computations accordingly. For purposes of system design and test
conformance, this parameter should be considered together with pad delay, bus capacitance, propagation delay, and clock
triggering points.
5. The clock maximum rise/fall time is capped at 60 ns. For lower frequency rise and fall the maximum value is limited at 60
ns, and is not dependent upon the clock frequency.
6. SDA Input Hold time in Target mode is 1 ns.
7. tHD_PP is a Hold time parameter for Push-Pull Mode that has a different value for Controller mode vs. Target mode. In SDR
Mode the Hold time parameter is referred to as tHD_SDR.
NXP Semiconductors
IMX91CEC
i.MX 91 Application Processors Data Sheet for Commercial Products
IMX91CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 12 November 2024
Preliminary - Subject to Change Without Notice
56 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com