Electronic Components Datasheet Search
  English  ▼

X  

IMX91CEC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # IMX91CEC
Description  i.MX 91 Application Processors Data Sheet for Commercial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX91CEC Datasheet(HTML) 3 Page - NXP Semiconductors

  IMX91CEC Datasheet HTML 1Page - NXP Semiconductors IMX91CEC Datasheet HTML 2Page - NXP Semiconductors IMX91CEC Datasheet HTML 3Page - NXP Semiconductors IMX91CEC Datasheet HTML 4Page - NXP Semiconductors IMX91CEC Datasheet HTML 5Page - NXP Semiconductors IMX91CEC Datasheet HTML 6Page - NXP Semiconductors IMX91CEC Datasheet HTML 7Page - NXP Semiconductors IMX91CEC Datasheet HTML 8Page - NXP Semiconductors IMX91CEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 100 page
background image
Table 1. Features...continued
Subsystem
Features
External memory interface
16-bit DRAM interface support at up to :
• LPDDR4 with inline ECC
Three Ultra Secure Digital Host Controller (uSDHC) interfaces:
• One eMMC 5.1 (8-bit) compliance with HS400 DDR signaling to support up to 400
MB/sec
• One SDXC (4-bit, no eMMC 5.1, with extended capacity)
• One SDIO (4-bit, SD/SDIO 3.01 compliance with 200 MHz SDR signaling and up
to 100 MB/sec)
FlexSPI Flash with support for XIP (for Cortex®-A55 in low-power mode) and support
for either one Octal SPI or Quad SPI FLASH device. It also supports both Serial NOR
and Serial NAND flash using the FlexSPI.
GPIO and input/output multiplexing
General-purpose input/output (GPIO) modules with interrupt capability
Input/output multiplexing controller (IOMUXC) to provide centralized pad control
Power management
Temperature sensor with programmable trip points
Flexible power domain partitioning with internal power switches to support efficient
power management
Security
Trusted Resource Domain Controller (TRDC)
• Supports 16 domains
Arm® TrustZone® (TZ) architecture, including both TrustZone-A
On-chip RAM (OCRAM) secure region protection using OCRAM controller
EdgeLock® secure enclave
Battery Backed Security Module (BBSM)
• Secure Non-Volatile Storage (SNVS)
• Secure real-time clock (RTC)
System debug
Arm® CoreSight™ debug and trace technology
Embedded Trace FIFO (ETF) with 4 KB internal storage to provide trace buffering
Unified trace capability for single core Cortex®-A55
Cross Triggering Interface (CTI)
Support for 4-pin (JTAG) debug interface and SWD
NXP Semiconductors
IMX91CEC
i.MX 91 Application Processors Data Sheet for Commercial Products
IMX91CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 12 November 2024
Preliminary - Subject to Change Without Notice
3 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com