Electronic Components Datasheet Search
  English  ▼

X  

IMX91CEC Datasheet(PDF) 9 Page - NXP Semiconductors

Part # IMX91CEC
Description  i.MX 91 Application Processors Data Sheet for Commercial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX91CEC Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button IMX91CEC Datasheet HTML 5Page - NXP Semiconductors IMX91CEC Datasheet HTML 6Page - NXP Semiconductors IMX91CEC Datasheet HTML 7Page - NXP Semiconductors IMX91CEC Datasheet HTML 8Page - NXP Semiconductors IMX91CEC Datasheet HTML 9Page - NXP Semiconductors IMX91CEC Datasheet HTML 10Page - NXP Semiconductors IMX91CEC Datasheet HTML 11Page - NXP Semiconductors IMX91CEC Datasheet HTML 12Page - NXP Semiconductors IMX91CEC Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 100 page
background image
Table 8. Electrostatic discharge and latch-up ratings
Parameter description
Rating
Reference
Comment
Electrostatic
Discharge (ESD)
Human Body Model (HBM)
±1000 V
JS-001-2017
—
Charged Device Model (CDM)
±250 V
JS-002-2018
—
Latch-up (LU)
Immunity level:
• Class I@ 25 oC
ambient temperature
• Class II @ 95 oC
ambient temperature
A
A
JESD78E
—
4.1.2 Thermal resistance
4.1.2.1 11 x 11 mm FCBGA package thermal characteristics
Table 9 lists the 11 x 11 mm FCBGA package thermal resistance data.
Table 9. 11 x 11 mm FCBGA thermal resistance data 1
Rating
Board Type2
Symbol
Values
Unit
Junction to Ambient Thermal Resistance3
JESD51-9, 2s2p
RθJA
22.2
oC/W
Junction-to-Top of Package
Thermal Characterization parameter3
JESD51-9, 2s2p
ΨJT
0.4
oC/W
Junction to Case Thermal Resistance
4
N/A
RθJC
8.5
oC/W
1. Power dissipation: Total power 1.24 W
2. Thermal test board meets JEDEC specification for this package (JESD51-9).
3. Determined in accordance to JEDEC JESD51-2A natural convection environment. Thermal resistance data in this report is
solely for a thermal performance comparison of one package to another in a standardized specified environment. It is not
meant to predict the performance of a package in an application-specific environment.
4. Junction-to-Case thermal resistance determined using an isothermal cold plate.
4.1.2.2 9 x 9 mm FCBGA package thermal characteristics
Table 10 lists the 9 x 9 mm FCBGA package thermal resistance data.
Table 10. 9 x 9 mm FCBGA thermal resistance data1
Rating
Board Type2
Symbol
Values
Unit
Junction to Ambient Thermal Resistance3
JESD51-9, 2s2p
RθJA
28.7
oC/W
Junction-to-Top of Package
Thermal Characterization parameter3
JESD51-9, 2s2p
ΨJT
0.7
oC/W
Junction to Case Thermal Resistance4
N/A
RθJC
8.5
oC/W
1. Power dissipation: Total power 1.24 W
NXP Semiconductors
IMX91CEC
i.MX 91 Application Processors Data Sheet for Commercial Products
IMX91CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 12 November 2024
Preliminary - Subject to Change Without Notice
9 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com