Electronic Components Datasheet Search
  English  ▼

X  

IMX91CEC Datasheet(PDF) 10 Page - NXP Semiconductors

Part # IMX91CEC
Description  i.MX 91 Application Processors Data Sheet for Commercial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX91CEC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button IMX91CEC Datasheet HTML 6Page - NXP Semiconductors IMX91CEC Datasheet HTML 7Page - NXP Semiconductors IMX91CEC Datasheet HTML 8Page - NXP Semiconductors IMX91CEC Datasheet HTML 9Page - NXP Semiconductors IMX91CEC Datasheet HTML 10Page - NXP Semiconductors IMX91CEC Datasheet HTML 11Page - NXP Semiconductors IMX91CEC Datasheet HTML 12Page - NXP Semiconductors IMX91CEC Datasheet HTML 13Page - NXP Semiconductors IMX91CEC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
2. Thermal test board meets JEDEC specification for this package (JESD51-9).
3. Determined in accordance to JEDEC JESD51-2A natural convection environment. Thermal resistance data in this report is
solely for a thermal performance comparison of one package to another in a standardized specified environment. It is not
meant to predict the performance of a package in an application-specific environment.
4. Junction-to-Case thermal resistance determined using an isothermal cold plate.
4.1.3 Power architecture
The power architecture of i.MX 91 is defined based on the assumption that systems are constructed for the case where the PMIC
is used to supply all the power rails to the processor. The SoC may be powered from discrete parts rather than a PMIC, but a
discrete-based solution is not necessarily BOM cost-optimized.
NVCC_BBSM_1P8 must be powered first and stay until the last.
The digital logic inside chip will be supplied with VDD_SOC.
The DRAM controller and PHY have multiple external power supplies: VDD_SOC supplies SoC synthesized DRAM controller
digital logic, VDD_ANAx_0P8 for PLL and PHY digital logic, VDD_ANAx_1P8 for DRAM PLL and PHY analog circuitry, and
VDD2_DDR for 1.1 V DRAM PHY I/O supply.
For all the integrated analog modules, their 1.8 V analog power will be supplied externally through power pads. These supplies
are separated with other power pads (NVCC_XXX) on the package to keep them clean. External filters on these supplies may be
needed on the board to isolate the analog 1.8 V supplies from the noisy I/O NVCC_XXX supplies.
For the integrated USB PHY, its 3.3 V (where supported), 1.8 V, and their digital power will be supplied externally through power
pads. The powers to those PHYs are separated with other power pads on the package to keep them clean. External filters may
be needed to isolate the PHY supplies to keep them clean.
For BBSM/RTC, the 1.8 V I/O pre-driver supply and 1.8 V I/O pad supply will also be supplied externally. The BBSM_LP core digital
domain logic is supplied by an internal LDO.
Figure 3 is the power architecture diagram for the whole chip. Note that it only shows power supplies, and does not show capacitors
that may be required for internal LDO regulators.
NXP Semiconductors
IMX91CEC
i.MX 91 Application Processors Data Sheet for Commercial Products
IMX91CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 12 November 2024
Preliminary - Subject to Change Without Notice
10 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com