Electronic Components Datasheet Search
  English  ▼

X  

IMX91CEC Datasheet(PDF) 66 Page - NXP Semiconductors

Part # IMX91CEC
Description  i.MX 91 Application Processors Data Sheet for Commercial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX91CEC Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button IMX91CEC Datasheet HTML 62Page - NXP Semiconductors IMX91CEC Datasheet HTML 63Page - NXP Semiconductors IMX91CEC Datasheet HTML 64Page - NXP Semiconductors IMX91CEC Datasheet HTML 65Page - NXP Semiconductors IMX91CEC Datasheet HTML 66Page - NXP Semiconductors IMX91CEC Datasheet HTML 67Page - NXP Semiconductors IMX91CEC Datasheet HTML 68Page - NXP Semiconductors IMX91CEC Datasheet HTML 69Page - NXP Semiconductors IMX91CEC Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 100 page
background image
TCSS
TCK
T DVO
T DHO
T DVO
T DHO
T CSH
FLEXSPI_SCLK
FLEXSPI_SSx_B
FLEXSPI_DATA[7:0]
Figure 48. FlexSPI output timing in DDR mode
4.12.10 USB PHY parameters
The USB PHY parameters meet the electrical compliance requirements listed as following:
•
Universal Serial Bus Revision 2.0 Specification (including ECNs and errata), On-The-Go and Embedded Host Supplement
to the Universal Serial Bus Revision 2.0 Specification (including ECNs and errata)
4.12.10.1 Pad/Package/Board connections
The USBx_VBUS pin cannot directly connect to the 5 V VBUS voltage on the USB2.0 link.
Each USBx_VBUS pin must be isolated by an external 30 KΩ 1% precision resistor.
The USB 2.0 PHY uses USBx_TXRTUNE and an external resistor to calibrate the USBx_DP/DN 45 Ω source impedance. The
external resistor value is 200 Ω 1% precision on each of USBx_TXRTUNE pad to ground.
5 Boot mode configuration
This section provides information on boot mode configuration pins allocation and boot devices interfaces allocation.
i.MX 91 supports three different boot modes:
• Normal Boot Mode
• Boot from Internal Fuse Mode
• Serial Download Boot Mode
Three different boot modes can be either selected via different boot mode pins or overridden by fuses.
i.MX 91 supports Single Boot: Cortex-A55 core is in charge of loading all containers and images.
For detailed boot mode configuration, see the see the i.MX 91 Fuse Map and the System Boot chapter in
i.MX 91 Reference
Manual (IMX91RM).
5.1 Boot mode configuration pins
There are four boot mode pins used to select boot mode.
Table 77. Fuses and associated pins used for boot
BOOT_MODE[3:0]
Function
x000
Boot from Internal Fuses
0001
Serial Download (USB1)
Table continues on the next page...
NXP Semiconductors
IMX91CEC
i.MX 91 Application Processors Data Sheet for Commercial Products
IMX91CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 12 November 2024
Preliminary - Subject to Change Without Notice
66 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com