Electronic Components Datasheet Search
  English  ▼

X  

IMX91CEC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # IMX91CEC
Description  i.MX 91 Application Processors Data Sheet for Commercial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX91CEC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button IMX91CEC Datasheet HTML 2Page - NXP Semiconductors IMX91CEC Datasheet HTML 3Page - NXP Semiconductors IMX91CEC Datasheet HTML 4Page - NXP Semiconductors IMX91CEC Datasheet HTML 5Page - NXP Semiconductors IMX91CEC Datasheet HTML 6Page - NXP Semiconductors IMX91CEC Datasheet HTML 7Page - NXP Semiconductors IMX91CEC Datasheet HTML 8Page - NXP Semiconductors IMX91CEC Datasheet HTML 9Page - NXP Semiconductors IMX91CEC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 100 page
background image
Some modules shown in this block diagram are not offered on all derivatives. This block diagram may also show
less modules than available in some derivatives. See Table 2 for details.
NOTE
3 Special signal considerations
Table 3 lists special signal considerations for the i.MX 91 processors. The signal names are listed in alphabetical order.
The package contact assignments can be found in Package information and contact assignments. Signal descriptions are
provided in the
i.MX 91 Reference Manual (IMX91RM).
Table 3. Special signal considerations
Signal Name
Remarks
CLKIN1/CLKIN2
CLKIN1 and CLKIN2 are input pins without internal pull-up and pull-down. An external 10K
pull-down resistor is recommended if they are not used.
NC
These signals are No Connect (NC) and should be unconnected in the application.
ONOFF
A brief connection to GND in the OFF mode causes the internal power management state machine
to change the state to ON. In the ON mode, a brief connection to GND generates an interrupt
(intended to be a software-controllable power-down). Approximately five seconds (or more) to GND
causes a forced OFF.
POR_B
POR_B has no internal pull-up/down resistor, and requires external pull-up resistor
to NVCC_BBSM_1P8.
It is recommended that POR_B is properly handled during power up/down. Please refer to the EVK
design for details.
RTC_XTALI/RTC_XTALO To hit the exact oscillation frequency, the board capacitors must be reduced to account for the board
and chip parasitics. The integrated oscillation amplifier is self-biasing, but relatively weak. Care
must be taken to limit the parasitic leakage from RTC_XTALI and RTC_XTALO to either the power
or the ground (> 100 MΩ). This de-biases the amplifier and reduces the start-up margin.
If you want to feed an external low-frequency clock into RTC_XTALI, the RTC_XTALO pin must
remain unconnected or driven by a complementary signal. The logic level of this forcing clock
must not exceed the NVCC_BBSM_1P8 level and the frequency shall be < 50 kHz under the
typical conditions.
XTALI_24M/XTALO_24M The system requires 24 MHz on XTALI/XTALO. The crystal cannot be eliminated by the external
24 MHz oscillator.
The logic level of this forcing clock must not exceed the VDD_ANA0_1P8 level.
If this clock is used as a reference for USB, then there are strict frequency tolerance and jitter
requirements. See On-chip oscillators and relevant interface specifications chapters for details.
3.1 Unused input and output guidance
If a function of the i.MX 91 is not used, the I/Os and power rails of that function can be terminated to reduce overall board power.
Table 4 is recommended connectivities for digital I/Os. Table 5 is recommended connectivities for USB.
NXP Semiconductors
IMX91CEC
i.MX 91 Application Processors Data Sheet for Commercial Products
IMX91CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 12 November 2024
Preliminary - Subject to Change Without Notice
6 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com