Electronic Components Datasheet Search
  English  ▼

X  

IMX91CEC Datasheet(PDF) 13 Page - NXP Semiconductors

Part # IMX91CEC
Description  i.MX 91 Application Processors Data Sheet for Commercial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX91CEC Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button IMX91CEC Datasheet HTML 9Page - NXP Semiconductors IMX91CEC Datasheet HTML 10Page - NXP Semiconductors IMX91CEC Datasheet HTML 11Page - NXP Semiconductors IMX91CEC Datasheet HTML 12Page - NXP Semiconductors IMX91CEC Datasheet HTML 13Page - NXP Semiconductors IMX91CEC Datasheet HTML 14Page - NXP Semiconductors IMX91CEC Datasheet HTML 15Page - NXP Semiconductors IMX91CEC Datasheet HTML 16Page - NXP Semiconductors IMX91CEC Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
3. VDD_ANAx_0P8 refers to VDD_ANA_0P8 on 11 x 11 mm package, whereas VDD_ANA0_0P8 and VDD_ANA1_0P8 on 9
x 9 mm package.
4. VDD_ANAx_1P8 refers to VDD_ANA0_1P8, VDD_ANA1_1P8, and VDD_ANAVDET_1P8.
5. Tj minimum temperature supported at startup where Tj = Ta
4.1.5 Maximum frequency of modules
Table 12 provides the maximum frequency of modules in the i.MX 91 of processors.
Table 12. Maximum frequency of modules
Main modules
Frequency (Low Drive mode)
Frequency (Nominal mode)
EdgeLock Secure Encalve
133 MHz
200 MHz
Cortex A55 core
900 MHz1
1.4 GHz
DRAM
800 MHz
1.2 GHz
1. Reduced performance parts are only support Low Drive mode, up to 800 MHz.
4.1.6 Clock sources
This section introduces on-chip oscillator and external clcok sources.
4.1.6.1 External clock sources
The i.MX 91 processor is designed to function with quartz crystals to generate the frequencies necessary for operation. 24 MHz
for the main clock source and 32.768 kHz for the real time clock. External clock can be injected into RTC_XTALI if the frequency
precision and jitter precision are sufficient.
The XTAl input is used to synthesize all of the clocks in the system with the RTC_XTAL input contributing to time keeping and low
frequency operations.
Table 13 shows the interface frequency requirements.
Table 13. External input clock frequency
Parameter Description
Symbol
Min
Typ
Max
Unit
RTC_XTALI Oscillator1
fckil
—
32.7682
—
kHz
1. External oscillator or a crystal with internal oscillator amplifier.
2. Recommended nominal frequency is 32.768 kHz.
Table 14 shows the external input clock for RTC_XTAL oscillator.
Table 14. RTC_OSC
Description
Symbol
Min
Typ
Max
Unit
Frequency
f
—
32.768
—
kHz
RTC_XTALI
VIH
0.9 x NVCC_BBSM_1P8
—
NVCC_BBSM_1P8
V
VIL
0
—
0.1 x NVCC_BBSM_1P8
V
Duty cycle
45
—
55
%
NXP Semiconductors
IMX91CEC
i.MX 91 Application Processors Data Sheet for Commercial Products
IMX91CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 12 November 2024
Preliminary - Subject to Change Without Notice
13 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com