Electronic Components Datasheet Search
  English  ▼

X  

IMX91CEC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # IMX91CEC
Description  i.MX 91 Application Processors Data Sheet for Commercial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX91CEC Datasheet(HTML) 4 Page - NXP Semiconductors

  IMX91CEC Datasheet HTML 1Page - NXP Semiconductors IMX91CEC Datasheet HTML 2Page - NXP Semiconductors IMX91CEC Datasheet HTML 3Page - NXP Semiconductors IMX91CEC Datasheet HTML 4Page - NXP Semiconductors IMX91CEC Datasheet HTML 5Page - NXP Semiconductors IMX91CEC Datasheet HTML 6Page - NXP Semiconductors IMX91CEC Datasheet HTML 7Page - NXP Semiconductors IMX91CEC Datasheet HTML 8Page - NXP Semiconductors IMX91CEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
1.1 Ordering information
Table 2 provides examples of orderable part numbers covered by this Data Sheet.
Table 2. Ordering information
Part number
Sub-
Family
Cortex®-
A55 CPU
speed
grade
Memory
speed
Qualification
type
Temperatu
re Tj1
USB
ETH
I2S
Package
MIMX9131DVVX
JAA
3
1.4 GHz
2.4 G/Ts
Commercial
0 to 95 °C
2
2
4
11 x 11
mm, 0.5
mm pitch,
FCBGA
MIMX9121DVVX
CAA2
2
800 MHz
1.6 G/Ts
Commercial
0 to 95 °C
2
2
4
11 x 11
mm, 0.5
mm pitch,
FCBGA
MIMX9111DVXX
JAA
1
1.4 GHz
2.4 G/Ts
Commercial
0 to 95 °C
1
1
3
9 x 9 mm,
0.5 mm
pitch,
FCBGA
MIMX9101DVXX
CAA2
0
800 MHz
1.6 G/Ts
Commercial
0 to 95 °C
1
1
3
9 x 9 mm,
0.5 mm
pitch,
FCBGA
1. Tj minimum temperature supported at startup and standby tests where Tj = Ta
2. Only support Low Drive mode, up to 800 MHz
Figure 1 describes the part number nomenclature so that characteristics of a specific part number can be identified (for example,
cores, frequency, temperature grade, fuse options, and silicon revision). The primary characteristic which describes which data
sheet applies to a specific part is the temperature grade (junction) field.
• The i.MX 91 Processors for Commercial Products Data Sheet (IMX91CEC) covers parts listed with a "D (Commercial temp)"
• The i.MX 91 Processors for Industrial Products Data Sheet (IMX91IEC) covers parts listed with a "C (Industrial temp)"
Ensure to have the proper data sheet for specific part by verifying the temperature grade (junction) field and matching it to the
proper data sheet. If there are any questions, visit the web page nxp.com/IMX or contact an NXP representative for details.
NXP Semiconductors
IMX91CEC
i.MX 91 Application Processors Data Sheet for Commercial Products
IMX91CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 12 November 2024
Preliminary - Subject to Change Without Notice
4 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com