Electronic Components Datasheet Search
  English  ▼

X  

IMX91CEC Datasheet(PDF) 21 Page - NXP Semiconductors

Part # IMX91CEC
Description  i.MX 91 Application Processors Data Sheet for Commercial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX91CEC Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button IMX91CEC Datasheet HTML 17Page - NXP Semiconductors IMX91CEC Datasheet HTML 18Page - NXP Semiconductors IMX91CEC Datasheet HTML 19Page - NXP Semiconductors IMX91CEC Datasheet HTML 20Page - NXP Semiconductors IMX91CEC Datasheet HTML 21Page - NXP Semiconductors IMX91CEC Datasheet HTML 22Page - NXP Semiconductors IMX91CEC Datasheet HTML 23Page - NXP Semiconductors IMX91CEC Datasheet HTML 24Page - NXP Semiconductors IMX91CEC Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
DDRC operation is contingent upon the board’s DDR design adherence to the DDR design and layout requirements stated in the
hardware development guide for the i.MX 91 application processors.
4.6 I/O AC parameters
This section includes the AC parameters of the following I/O types:
• General Purpose I/O (GPIO)
The GPIO load circuit and output transition time waveforms are shown in Figure 5 and Figure 6.
Test Point
From Output
Under Test
CL
CL includes package, probe and fixture capacitance
Figure 5. Load circuit for output
0 V
OVDD
20%
80%
80%
20%
tr
tf
Output (at pad)
Figure 6. Output transition time waveform
4.6.1 DDR I/O AC electrical characteristics
The DDR I/O pads support LPDDR4 operational modes. The DDRC is compliant with JEDEC-compliant SDRAMs.
DDRC operation is contingent upon the board’s DDR design adherence to the DDR design and layout requirements stated in the
hardware development guide for the i.MX 91 application processor.
4.7 Differential I/O output buffer impedance
The Differential CCM interface is designed to be compatible with TIA/EIA 644-A standard. See, TIA/EIA STANDARD 644-A,
Electrical Characteristics of Low Voltage Differential Signaling (LVDS) Interface Circuits (2001) for details.
4.7.1 DDR I/O output buffer impedance
DDR output driver and ODT impedances are controlled across PVT using ZQ calibration procedure with a 120 ohm ±1% resistor
to ground. Programmable drive strength and ODT impedance targets available in the NXP DDR tool are detailed in the device IBIS
model. Impedance deviation (calibration accuracy) is ±10% (Maximum/Minimum impedance) across PVT.
4.8 System modules timing
This section contains the timing and electrical parameters for the modules in each i.MX 91 processor.
4.8.1 Reset timing parameters
Figure 7 shows the reset timing and Table 23 lists the timing parameters.
POR_B
CC1
(Input)
Figure 7. Reset timing diagram
NXP Semiconductors
IMX91CEC
i.MX 91 Application Processors Data Sheet for Commercial Products
IMX91CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 12 November 2024
Preliminary - Subject to Change Without Notice
21 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com