Electronic Components Datasheet Search
  English  ▼

X  

IMX91CEC Datasheet(PDF) 43 Page - NXP Semiconductors

Part # IMX91CEC
Description  i.MX 91 Application Processors Data Sheet for Commercial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX91CEC Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button IMX91CEC Datasheet HTML 39Page - NXP Semiconductors IMX91CEC Datasheet HTML 40Page - NXP Semiconductors IMX91CEC Datasheet HTML 41Page - NXP Semiconductors IMX91CEC Datasheet HTML 42Page - NXP Semiconductors IMX91CEC Datasheet HTML 43Page - NXP Semiconductors IMX91CEC Datasheet HTML 44Page - NXP Semiconductors IMX91CEC Datasheet HTML 45Page - NXP Semiconductors IMX91CEC Datasheet HTML 46Page - NXP Semiconductors IMX91CEC Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 100 page
background image
Table 45. SDR50/SDR104 interface timing specification (Low drive mode)1,2
ID
Parameter
Symbols
Min
Max
Unit
Card Input Clock
SD1
Clock Frequency Period
tCLK
7.5
—
ns
SD2
Clock Low Time
tCL
3.3
—
ns
SD3
Clock High Time
tCH
3.3
—
ns
uSDHC Output/Card Inputs SD_CMD, SDx_DATAx in SDR50 (Reference to CLK)
SD4
uSDHC Output Delay
tOD
-3
1
ns
uSDHC Output/Card Inputs SD_CMD, SDx_DATAx in SDR104 (Reference to CLK)
SD5
uSDHC Output Delay
tOD
-1.6
1
ns
uSDHC Input/Card Outputs SD_CMD, SDx_DATAx in SDR50 (Reference to CLK)
SD6
uSDHC Input Setup Time
tISU
2.4
—
ns
SD7
uSDHC Input Hold Time
tIH
1.5
—
ns
uSDHC Input/Card Outputs SD_CMD, SDx_DATAx in SDR104 (Reference to CLK)3
SD8
uSDHC Input Data Window
tODW
0.5 x tCLK
—
ns
1. Input timing assumes an input signal slew rate of 1 ns (20%/80%).
2. Output timing valid for maximum external load CL = 15 pF, which is assumed to be a 10 pF load at the end of a 50 ohm,
unterminated, 2-inch microstrip trace on standard FR4 (3.3 pF/inch). For best signal integrity, the series resistance of the
transmission line should be matched closely to the RDSON of the I/O pad output driver.
3. Data window in SDR100 mode is variable.
4.12.1.6 Bus operation condition for 3.3 V and 1.8 V signaling
Signaling level of SD/eMMC4.5/5.0/5.1 can be 1.8 V or 3.3 V depending on the working mode. The DC parameters for NVCC_SD2
supplies are identical to those shown in General purpose I/O (GPIO) DC parameters.
4.12.1.7 uSDHC supported modes
For SD:
• All SD 3.0 protocols are supported at full speeds on all three SDHC interfaces. This includes DS, HS, SDR12, SDR25, SDR50,
SDR104, and DDR50.
• The maximum supported SDR frequency is 200 MHz which is covered in SDR104 mode, and maximum DDR frequency is
50 MHz as a part of DDR50 mode.
For eMMC:
• eMMC HS400 is only supported on SDHC1 as that is the only one with 8-bit interface.
• eMMC HS200 is supported on all three SDHC interfaces because this protocol supports both a 4-bit mode and an 8-bit mode,
which can work on SDHC2 and SDHC3.
• eMMC High Speed DDR, High Speed SDR, and the less than or equal to 26 MHz MMC legacy protocols are also supported
on all three SDHC interfaces.
NXP Semiconductors
IMX91CEC
i.MX 91 Application Processors Data Sheet for Commercial Products
IMX91CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 12 November 2024
Preliminary - Subject to Change Without Notice
43 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com