Electronic Components Datasheet Search
  English  ▼

X  

IMX91CEC Datasheet(PDF) 26 Page - NXP Semiconductors

Part # IMX91CEC
Description  i.MX 91 Application Processors Data Sheet for Commercial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX91CEC Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button IMX91CEC Datasheet HTML 22Page - NXP Semiconductors IMX91CEC Datasheet HTML 23Page - NXP Semiconductors IMX91CEC Datasheet HTML 24Page - NXP Semiconductors IMX91CEC Datasheet HTML 25Page - NXP Semiconductors IMX91CEC Datasheet HTML 26Page - NXP Semiconductors IMX91CEC Datasheet HTML 27Page - NXP Semiconductors IMX91CEC Datasheet HTML 28Page - NXP Semiconductors IMX91CEC Datasheet HTML 29Page - NXP Semiconductors IMX91CEC Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 100 page
background image
Meeting the necessary timing requirements for a DDR memory system is highly dependent on the components chosen and
the design layout of the system as a whole. NXP cannot cover in this document all the requirements needed to achieve a
design that meets full system performance over temperature, voltage, and part variation; PCB trace routing, PCB dielectric
material, number of routing layers used, placement of bulk/decoupling capacitors on critical power rails, VIA placement, GND
and Supply planes layout, and DDR controller/PHY register settings all are factors affecting the performance of the memory
system. Consult the hardware user guide for this device and NXP validated design layouts for information on how to properly
design a PCB for best DDR performance. NXP strongly recommends duplicating an NXP validated design as much as possible
in the design of critical power rails, placement of bulk/decoupling capacitors and DDR trace routing between the processor and
the selected DDR memory. All supporting material is readily available on the device web page on https://www.nxp.com/products/
processors-and-microcontrollers/arm-processors/i-mx-applications-processors/i-mx-9-processors:IMX9-PROCESSORS.
Processors that demonstrate full DDR performance on NXP validated designs, but do not function on customer designs, are not
considered marginal parts. Customers bear the responsibility of properly designing the Printed Circuit Board, correctly simulating
and modeling the designed DDR system, and validating the system under all expected operating conditions (temperatures,
voltages) prior to releasing their product to market.
Table 27. i.MX 91 DRAM controller supported SDRAM configurations
Parameter
LPDDR4
Number of Controllers
1
Number of Channels
1
Number of Chip Selects
2
Bus Width
16-bit
Maximum supported data rate
• Low drive mode
1600 MT/s
• Nominal drive mode
2400 MT/s
4.9 Display
This section provides information about display subsystem.
4.9.1 LCD Controller (LCDIF) timing parameters
The DSE[5:0] = 001111 and FSEL1[1:0] = 11 are required drive settings to meet the timing.
L1
L2
L3
L4
LCDn_CLK
(falling edge capture)
LCDn_CLK
(rising edge capture)
LCDn_DATA[23:00]
LCDn Control Signals
L5
L6
L7
Figure 13. LCD timing
NXP Semiconductors
IMX91CEC
i.MX 91 Application Processors Data Sheet for Commercial Products
IMX91CEC
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Preliminary Data Sheet
Rev. 2 — 12 November 2024
Preliminary - Subject to Change Without Notice
26 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com