Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 171 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 171 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 167Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 168Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 169Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 170Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 171Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 172Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 173Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 174Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 175Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 286 page
background image
Chapter 11 TX4956 System Interface
11-3
11.2.3
Issue Cycle
Two types of processor issue cycles exist with the TX4956.
•
Processor read request issue cycles.
•
Processor write request issue cycles.
The TX4956 judges the issue cycle of the processor read request by sampling the RdRdy* signal. It
also judges the issue cycle of the processor write request by sampling the WrRdy* signal from the
external agent.
As illustrated in Figure 11.2.2, RdRdy* must be asserted two cycles before the processor read request
address cycle in order to define the address cycle as an issue cycle.
Figure 11.2.2 RdRdy* Signal Status in case of Read Request
As illustrated in Figure 11.2.3, WrRdy* is asserted two cycles before the initial address cycle of the
processor write request, and the address cycle must be defined as the issue cycle.
Figure 11.2.3 WrRdy* Signal Status in case of Write Request
The TX4956 repeats the request address cycle until the conditions of the valid issue cycle are met. If
the processor request is a data transmission, then data transmission starts at the point when the issue cycle
is complete. There is only one issue cycle no matter what the processor request is.
The TX4956 accepts external requests even while trying to issue processor requests. If the external
agent asserts ExtRqst*, the processor responds to the external agent by releasing the system interface and
going into the slave state. Rules relating to the issue cycle of processor requests are strictly applied in
determining the processor run operation as well. The TX4956 performs one of the following:
Address
1
Issue
Cycle
2
3
4
5
6
Cycle
MasterClock
SysAD Bus
RdRdy*
ValidOut*
Address
1
Issue
Cycle
2
3
4
5
6
Cycle
MasterClock
SysAD Bus
WrRdy*
ValidOut*
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com