Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 173 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 173 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 169Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 170Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 171Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 172Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 173Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 174Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 175Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 176Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 177Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 286 page
background image
Chapter 11 TX4956 System Interface
11-5
11.2.5.1 Master state and slave state
The system interface is placed in the master state when the TX4956 processor is driving the
SysAD bus and SysCmd bus. In contrast, the system interface is in the slave state when the external
agent is driving the SysAD bus and SysCmd bus.
The processor asserts the ValidOut* signal if the SysAD bus and SysCmd bus become valid when
the system interface is in the master state. The external agent asserts the ValidIn* signal if the
SysAD bus and SysCmd bus become valid when the system interface is in the slave state.
11.2.5.2 Shifting from the master state to the slave state
The system interface remains in the master state unless it enters one of the following states:
•
The external agent issues a request, and the external agent is granted permission to use the
system interface (external arbitration).
•
The processor issues a read request and shifts into the slave mode by itself.
11.2.5.3 External arbitration
The external agent cannot issue external requests via the system interface unless the system
interface goes into the slave state. Shifts from the master state to the slave state are arbitrated by the
processor using the system interface handshake signals ExtRqst* and Release*. This shift is
performed as follows below.
1)
The external agent sends notification that it would like to issue an external request by asserting
the ExtRqst* signal.
2)
The processor releases the system interface and changes its state from the master state to the
slave state by asserting the Release* signal for 1 cycle.
3)
The system interface returns to the master state when issuing of the external request is
complete.
11.2.5.4 Shifting to the slave state on its own
Shifting to the slave state on its own means that the shift from the master state to the slave state is
started by the processor when the processor read request is still on hold. The Release* signal is
automatically asserted after the read transaction. Self-invoked shifting to the slave state occurs in
one cycle after the issue cycle of the read request.
After shifting to the slave state on its own, the processor returns to the master state at the end of
the next external request. This is made possible by a read response or other type of external request.
The SysAD bus and SysCmd bus drives must start after the external agent confirms that the
processor autonomously shifted to the slave state. While the system interface is in the slave state, the
external agent can start making external requests without requesting access to the system interface
(without asserting the ExtRqst* signal).
The system interface returns to the master state when the external request ends. If a processor read
request is on hold after a read request is issued, the processor automatically changes the system
interface into the slave state even if the external agent has not requested the permission necessary
for issuing of the external request to use the system interface. By shifting to the slave state in this
manner, the external agent becomes able to return read response data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com