| Electronic Components Datasheet Search |
|
TMPR4956C Datasheet(PDF) 177 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4956C Datasheet(HTML) 177 Page - Toshiba Semiconductor |
|
177 / 286 page ![]() Chapter 11 TX4956 System Interface 11-9 Figure 11.2.10 External Requests After the external request is issued, the system interface access privileges always return to the processor. The processor will not accept another external request until the current one is complete. If there is no processor request that is on hold, the processor decides based on the interior state whether to accept an external request or to issue a new processor request. The processor can issue a new processor request even if the external agent requested access to the system interface. The external agent sends notification that it would like to start an external request by asserting the ExtRqst* signal. After that, the external agent waits for the processor to assert the Release* signal and send notification that preparations have been made to accept this request. The processor sends notification based on the next judgement criterion to be listed that preparations have been made to accept an external request. • The processor ends processor requests that are in progress. • The processor can accept an external request while waiting for the RdRdy* signal to be asserted so a processor read request can be issued. However, this request must be transferred to the processor at least 1 cycle before the RdRdy* signal is asserted. • The processor can accept an external request while waiting for the WrRdy* signal to be asserted so a processor write request can be issued. However, this request must be transferred to the processor at least 1 cycle before the WrRdy* signal is asserted. • If waiting for a response to a read request after the processor shifted itself to the slave state, the external agent can issue an external request before sending read response data. 11.2.6.6 External read requests In contrast to processor read requests, data are directly returned as a response to the request for external read requests. No other requests can be issued until the processor returns the requested data. External read requests are complete when the processor returns the requested data word. Depending on the data identifier combined with the response data, an error in the response data may be pointed out. The processor would process the error as a bus error. Note: The TX4956 does not have any resources that can read external read requests. The processor returns to the external read request undefined data and data identifiers in which SysCmd[5] of the errant data bit is set. 1. External system requests bus access privileges by asserting the ExtRqst* signal TX4956 External agent 2. Processor grants access privileges by asserting the Release* signal 3. External system issues external request 4. Processor obtains bus access privileges again |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |