Electronic Components Datasheet Search
  English  ▼

X  

TMPR4956C Datasheet(PDF) 178 Page - Toshiba Semiconductor

Part # TMPR4956C
Description  64-Bit TX System RISC TX49 Family
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4956C Datasheet(HTML) 178 Page - Toshiba Semiconductor

Back Button TMPR4956C Datasheet HTML 174Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 175Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 176Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 177Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 178Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 179Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 180Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 181Page - Toshiba Semiconductor TMPR4956C Datasheet HTML 182Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 286 page
background image
Chapter 11 TX4956 System Interface
11-10
11.2.6.7 External write requests
External write requests can only use the Interrupt register. When the external agent issues a write
request, the Interrupt register is accessed, then the data are written to this register. External write
requests are completed when the data is written to the processor.
11.2.6.8 Read responses
As illustrated in Figure 11.2.11, read responses return data to processor read requests. Read
responses are external requests, strictly speaking, but there is only one difference with other external
requests: read responses do not request permission to use the system interface. Therefore, read
responses are handled separately from other external requests and are simply referred to as read
responses.
Figure 11.2.11 Read Response
11.2.7
Handling of Requests
This section will describe in detail sequences, protocol, and syntax for both processor and external
requests.
•
Load miss
•
Store miss
•
Store hit
•
Cache operation
•
Load Linked/Store Conditional
11.2.7.1 Load miss
If a processor load miss occurs in the primary cache, the processor cannot proceed to the next
process if the cache line that contains the loaded data elements is not received from the external
agent.
If the current cache line set in which the write back bit (W bit) is set is replaced by a new cache
line, the current cache line must be written back.
The processor checks the coherency properties in the TLB entries for pages including the
requested cache lines. If the coherency properties are non-coherent, then a non-coherent read
request is issued. Table 11.2.1 indicates the measures that can be taken when a load miss occurs in
the primary cache.
1. Read request
TX4956
External agent
2. Read response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com