| Electronic Components Datasheet Search |
|
TMPR4956C Datasheet(PDF) 175 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4956C Datasheet(HTML) 175 Page - Toshiba Semiconductor |
|
175 / 286 page ![]() Chapter 11 TX4956 System Interface 11-7 11.2.6.2 Processor requests The term “processor request” refers to either a single request or a series of requests issued via the system interface in order to access external resources. As illustrated in Figure 11.2.7, there are two types of processor request: read and write. Figure 11.2.7 Processor Requests Read requests are requests that read data from main memory or other memory resources in block, word, and byte units. Write requests are requests that write data to main memory or other system resources in block, , word, and byte units. Processor requests are managed by the TX4956 processor in the same manner as the R4000 non-secondary cache mode. The processor issues requests strictly according to a sequential method. In other words, the processor cannot issue the next request while a previous request is on hold. For example, after issuing a read request, the processor waits for a read response before issuing the next request. The processor only issues write requests when there are no read requests on hold. When using processor input signals RdRdy* and WrRdy*, the external agent can control the processor request flow. RdRdy* is the signal that controls the processor read flow, and WrRdy* controls the processor write request flow. Figure 11.2.8 illustrates the sequence of the processor request cycle. Figure 11.2.8 Processor Requests 11.2.6.3 Processor read requests When the processor issues a read request, the external agent must access the specified resource and return the requested data. The external agent returns response data for processor read requests so they can be executed separately from the requests. In other words, the external agent can start an external request before returning response data for the processor read request. A processor read request is completed when the final word of the response data is received from the external agent. Depending on the data identifier combined with the response data, an error in the response data may be pointed out. The processor would then treat this error as a bus error. Processor Request • Read • Write TX4956 External agent 1. Processor issues read/write requests. TX4956 External agent 2. External system controls acceptance of requests by asserting either RdRdy* or WrRdy*. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |